Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF6618TR1 Datasheet(PDF) 3 Page - International Rectifier |
|
IRF6618TR1 Datasheet(HTML) 3 Page - International Rectifier |
3 / 8 page IRF6623 www.irf.com 3 Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance vs. Temperature 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 ≤ 60µs PULSE WIDTH Tj = 25°C 2.5V VGS TOP 10V 5.0V 4.5V 4.0V 3.5V 3.0V 2.8V BOTTOM 2.5V 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 ≤ 60µs PULSE WIDTH Tj = 150°C 2.5V VGS TOP 10V 5.0V 4.5V 4.0V 3.5V 3.0V 2.8V BOTTOM 2.5V 2.5 3.0 3.5 4.0 4.5 5.0 VGS, Gate-to-Source Voltage (V) 0.1 1.0 10.0 100.0 1000.0 VDS = 10V ≤ 60µs PULSE WIDTH TJ = 25°C TJ = 150°C -60 -40 -20 0 20 40 60 80 100 120 140 160 TJ , Junction Temperature (°C) 0.5 1.0 1.5 ID = 15A VGS = 10V Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage Fig 5. Typical Capacitance vs.Drain-to-Source Voltage 1 10 100 VDS, Drain-to-Source Voltage (V) 100 1000 10000 Coss Crss Ciss VGS = 0V, f = 1 MHZ Ciss = C gs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd 010 20 30 QG Total Gate Charge (nC) 0 2 4 6 8 10 12 VDS= 20V VDS= 10V ID= 11A |
Número de pieza similar - IRF6618TR1 |
|
Descripción similar - IRF6618TR1 |