Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP464 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP464
Descripción Electrónicos  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments TMP464 Datasheet HTML 10Page - Texas Instruments TMP464 Datasheet HTML 11Page - Texas Instruments TMP464 Datasheet HTML 12Page - Texas Instruments TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
TMP464
SBOS835 – MAY 2017
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Resolution is 0.0625°C per count. Negative numbers are represented in two's-complement format.
7.3 Feature Description
7.3.1 Temperature Measurement Data
The local and remote temperature sensors have a resolution of 13 bits (0.0625°C). Temperature data that result
from conversions within the default measurement range are represented in binary form, as shown in the
Standard Binary column of Table 1. Negative numbers are represented in two's-complement format. The
resolution of the temperature registers extends to 255.9375°C and down to –256°C, but the actual device is
limited to ranges as specified in the Electrical Characteristics table to meet the accuracy specifications. The
TMP464 device is specified for ambient temperatures ranging from –40°C to +125°C; parameters in the Absolute
Maximum Ratings table must be observed to prevent damage to the device.
Table 1. Temperature Data Format (Local and Remote Temperature)
TEMPERATURE
(°C)
LOCAL OR REMOTE TEMPERATURE REGISTER VALUE
(0.0625°C RESOLUTION)
STANDARD BINARY(1)
BINARY
HEX
–64
1110 0000 0000 0000
E0 00
–50
1110 0111 0000 0000
E7 00
–25
1111 0011 1000 0000
F3 80
–0.1250
1111 1111 1111 0000
FF F0
–0.0625
1111 1111 1111 1000
FF F8
0
0000 0000 0000 0000
00 00
0.0625
0000 0000 0000 1000
00 08
0.1250
0000 0000 0001 0000
00 10
0.1875
0000 0000 0001 1000
00 18
0.2500
0000 0000 0010 0000
00 20
0.3125
0000 0000 0010 1000
00 28
0.3750
0000 0000 0011 0000
00 30
0.4375
0000 0000 0011 1000
00 38
0.5000
0000 0000 0100 0000
00 40
0.5625
0000 0000 0100 1000
00 48
0.6250
0000 0000 0101 0000
00 50
0.6875
0000 0000 0101 1000
00 58
0.7500
0000 0000 0110 0000
00 60
0.8125
0000 0000 0110 1000
00 68
0.8750
0000 0000 0111 0000
00 70
0.9375
0000 0000 0111 1000
00 78
1
0000 0000 1000 0000
00 80
5
0000 0010 1000 0000
02 80
10
0000 0101 0000 0000
05 00
25
0000 1100 1000 0000
0C 80
50
0001 1001 0000 0000
19 00
75
0010 0101 1000 0000
25 80
100
0011 0010 0000 0000
32 00
125
0011 1110 1000 0000
3E 80
127
0011 1111 1000 0000
3F 80
150
0100 1011 0000 0000
4B 00
175
0101 0111 1000 0000
57 80
191
0101 1111 1000 0000
5F 80


Número de pieza similar - TMP464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results

Descripción similar - TMP464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
[Old version datasheet]   TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com