Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS543B20RVFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS543B20RVFR
Descripción Electrónicos  4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543B20RVFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS543B20RVFR Datasheet HTML 2Page - Texas Instruments TPS543B20RVFR Datasheet HTML 3Page - Texas Instruments TPS543B20RVFR Datasheet HTML 4Page - Texas Instruments TPS543B20RVFR Datasheet HTML 5Page - Texas Instruments TPS543B20RVFR Datasheet HTML 6Page - Texas Instruments TPS543B20RVFR Datasheet HTML 7Page - Texas Instruments TPS543B20RVFR Datasheet HTML 8Page - Texas Instruments TPS543B20RVFR Datasheet HTML 9Page - Texas Instruments TPS543B20RVFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
TPS543B20
SLUSCR1 – MAY 2017
www.ti.com
Product Folder Links: TPS543B20
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
Output
voltage(1)
BP, RAMP
–0.3
7
V
PGD
–0.3
7
Junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–55
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS543B20
UNIT
RVF (LQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
29.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
19.3
°C/W
RθJB
Junction-to-board thermal resistance
4.2
°C/W
ψJT
Junction-to-top characterization parameter
1.4
°C/W
ψJB
Junction-to-board characterization parameter
4.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.2
°C/W
(1)
Specified by design. Not production tested.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MOSFET RDS(ON)
RDS(on)HS
HS FET
VBST – VSW = 5 V, ID = 20 A, Tj = 25°C
4.1
RDS(on)LS
LS FET
VDD = 5 V, ID = 20 A, Tj = 25°C
1.9
tDEAD(LtoH)
Power stage driver dead-time
from Low-side off to High-side
on(1)
VDD
≥ 12 V, TJ = 25°C
12
ns
tDEAD(HtoL)
Power stage driver dead-time
from High-side off to Low-side
on(1)
VDDN
≥ 12 V, TJ = 25°C
15
ns
INPUT SUPPLY and CURRENT
VVIN
Power stage voltage
4.0
19
VVDD
VDD supply voltage
4.0
22
IVDD
VDD bias current
TA=25°C, No load, Power Conversion Enabled (No
Switching)
4.3
mA
IVDDSTBY
VDD standby current
TA=25°C, No load, Power Conversion Disabled
4.3
mA
UNDER VOLTAGE LOCKOUT
VVDD_UVLO
VDD UVLO rising threshold
3.8
V
VVDD_UVLO_HYS VDD UVLO hysteresis
0.2
v
VVIN_UVLO
VIN UVLO rising threshold
3.2
V
VVIN_UVLO_HYS
VIN UVLO hysteresis
0.2
v
VEN_ON_TH
EN on threshold
1.45
1.6
1.75
V
VHYS
EN hysteresis
270
300
330
mV
IEN_LKG
EN input leakage current
–1
0
1
µA


Número de pieza similar - TPS543B20RVFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B22RYSR TI-TPS543B22RYSR Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25RYSR TI-TPS543B25RYSR Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
More results

Descripción similar - TPS543B20RVFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS543C20 TI1-TPS543C20 Datasheet
7Mb / 48P
[Old version datasheet]   4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
[Old version datasheet]   TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
[Old version datasheet]   TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com