Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54FCT244TPGBGB Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza 54FCT244TPGBGB
Descripción Electrónicos  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT244TPGBGB Datasheet(HTML) 3 Page - Integrated Device Technology

  54FCT244TPGBGB Datasheet HTML 1Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 2Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 3Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 4Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 5Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1µA
IOZH
High Impedance Output Current
VCC = Max
VO = 2.7V
±1µA
IOZL
(3-State output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min, IIN = -18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
IOH = –15mA IND
VOL
OutputLOWVoltage
VCC = Min
IOL = 48mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOL = 64mA IND
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
OUTPUT DRIVE CHARACTERISTICS


Número de pieza similar - 54FCT244TPGBGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
logo
National Semiconductor ...
54FCT244D NSC-54FCT244D Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244DM ROCHESTER-54FCT244DM Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
54FCT244DMQB ROCHESTER-54FCT244DMQB Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
More results

Descripción similar - 54FCT244TPGBGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com