Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FCT245TD Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 74FCT245TD
Descripción Electrónicos  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT245TD Datasheet(HTML) 2 Page - Integrated Device Technology

  74FCT245TD Datasheet HTML 1Page - Integrated Device Technology 74FCT245TD Datasheet HTML 2Page - Integrated Device Technology 74FCT245TD Datasheet HTML 3Page - Integrated Device Technology 74FCT245TD Datasheet HTML 4Page - Integrated Device Technology 74FCT245TD Datasheet HTML 5Page - Integrated Device Technology 74FCT245TD Datasheet HTML 6Page - Integrated Device Technology 74FCT245TD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Pin Names
Description
OE
Output Enable Inputs (Active LOW)
T/R
Transmit/Recieve Input
A0 - A7
Side A Inputs or 3-State Outputs
B0 - B7
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
FUNCTION TABLE(1)
Inputs
OE
T/R
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
CERDIP/ SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
A2
A0
A1
VCC
A3
A6
A4
A5
A7
GND
OE
B2
B0
B1
B3
B6
B4
B5
B7
T/R
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
B2
B0
B1
B3
B4
INDEX
A2
A3
A6
A4
A5
LCC
TOP VIEW


Número de pieza similar - 74FCT245TD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74FCT245 TI-74FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
More results

Descripción similar - 74FCT245TD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com