Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FCT244TLBGB Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 74FCT244TLBGB
Descripción Electrónicos  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244TLBGB Datasheet(HTML) 2 Page - Integrated Device Technology

  74FCT244TLBGB Datasheet HTML 1Page - Integrated Device Technology 74FCT244TLBGB Datasheet HTML 2Page - Integrated Device Technology 74FCT244TLBGB Datasheet HTML 3Page - Integrated Device Technology 74FCT244TLBGB Datasheet HTML 4Page - Integrated Device Technology 74FCT244TLBGB Datasheet HTML 5Page - Integrated Device Technology 74FCT244TLBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Pin Names
Description
OEA, OEB
3-State Output Enable Inputs (Active LOW)
Dxx
Inputs
Oxx
Outputs
PIN DESCRIPTION
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
FUNCTION TABLE(1)
Inputs
OEA
OEB
D
Outputs
LL
L
L
LL
H
H
HH
X
Z
CERDIP/ SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
GND
OA0
DB0
OA1
DB1
DB2
DB3
OA2
OA3
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEB
OEA
INDEX
OA0
DB0
OA1
DB1
OA2
DA1
OB1
DA2
OB2
DA3
1
2
3
4
5
6
7
8
9 10 11 12 13
14
15
16
17
18
19
20
LCC
TOP VIEW


Número de pieza similar - 74FCT244TLBGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT244TAT ETC2-74FCT244TAT Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Descripción similar - 74FCT244TLBGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com