Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMT87LPM Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LMT87LPM Datasheet(HTML) 6 Page - Texas Instruments |
6 / 29 page LMT87, LMT87-Q1 SNIS170C – JAN 2014 – REVISED OCTOBER 2015 www.ti.com 7.5 Thermal Information LMT87 LMT87 LMT87-Q1 THERMAL METRIC(1) UNIT DCK LP 5 PINS 3 PINS RθJA Junction-to-ambient thermal resistance(2)(3) 275 167 °C/W RθJC(top) Junction-to-case (top) thermal resistance 84 90 °C/W RθJB Junction-to-board thermal resistance 56 146 °C/W ψJT Junction-to-top characterization parameter 1.2 35 °C/W ψJB Junction-to-board characterization parameter 55 146 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report (SPRA953). (2) The junction-to-ambient thermal resistance (R θJA) under natural convection is obtained in a simulation on a JEDEC-standard, High K board as specified in JESD51-7, in an environment described in JESD51-2. (3) Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance. 7.6 Accuracy Characteristics These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1. PARAMETER CONDITIONS MIN(1) TYP MAX(1) UNIT 70°C to 150°C; VDD = 3.0 V to 5.5 V -2.7 ±0.4 2.7 °C 20°C to 40°C; VDD = 2.7 V to 5.5 V ±0.6 °C 20°C to 40°C; VDD = 3.4 V to 5.5 V ±0.3 °C Temperature accuracy(2) 0°C; VDD = 3.0 V to 5.5 V -2.7 ±0.6 2.7 °C 0°C; VDD = 3.6 V to 5.5 V ±0.3 °C –50°C; VDD = 3.6 V to 5.5 V -2.7 ±0.6 2.7 °C –50°C; VDD = 4.2 V to 5.5 V ±0.3 °C (1) Limits are specific to TI's AOQL (Average Outgoing Quality Level). (2) Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified conditions. Accuracy limits do not include load regulation; they assume no DC load. 7.7 Electrical Characteristics Unless otherwise noted, these specifications apply for +VDD = 2.7 V to 5.5 V. MIN and MAX limits apply for TA = TJ = TMIN to TMAX ; typical limits apply for TA = TJ = 25°C. PARAMETER CONDITIONS MIN(1) TYP (2) MAX (1) UNIT Sensor gain (output transfer –13.6 mV/°C function slope) Source ≤ 50 μA, (VDD – VOUT) ≥ 200 mV –1 –0.22 mV Load regulation(3) Sink ≤ 50 μA, VOUT ≥ 200 mV 0.26 1 mV Line regulation(4) 200 μV/V TA = 30°C to 150°C, (VDD – VOUT) ≥ 100 mV 5.4 8.1 μA IS Supply current TA = –50°C to 150°C, (VDD – VOUT) ≥ 100 mV 5.4 9 μA CL Output load capacitance 1100 pF Power-on time(5) CL= 0 pF to 1100 pF 0.7 1.9 ms Output drive TA = TJ = 25°C –50 50 μA (1) Limits are specific to TI's AOQL (Average Outgoing Quality Level). (2) Typicals are at TJ = TA = 25°C and represent most likely parametric norm. (3) Source currents are flowing out of the LMT87 and LMT87-Q1. Sink currents are flowing into the LMT87 and LMT87-Q1. (4) Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Output Voltage Shift. (5) Specified by design and characterization. 6 Submit Documentation Feedback Copyright © 2014–2015, Texas Instruments Incorporated Product Folder Links: LMT87 LMT87-Q1 |
Número de pieza similar - LMT87LPM |
|
Descripción similar - LMT87LPM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |