Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM96000 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM96000
Descripción Electrónicos  Hardware Monitor with Integrated Fan Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM96000 Datasheet HTML 1Page - National Semiconductor (TI) LM96000 Datasheet HTML 2Page - National Semiconductor (TI) LM96000 Datasheet HTML 3Page - National Semiconductor (TI) LM96000 Datasheet HTML 4Page - National Semiconductor (TI) LM96000 Datasheet HTML 5Page - National Semiconductor (TI) LM96000 Datasheet HTML 6Page - National Semiconductor (TI) LM96000 Datasheet HTML 7Page - National Semiconductor (TI) LM96000 Datasheet HTML 8Page - National Semiconductor (TI) LM96000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V+ = 3.0V to 3.6V, and all analog input source impedance R
S =50
Ω unless otherwise
specified in conditions. Boldface limits apply for T
A =TJ over TMIN =0˚C to TMAX=85˚C; all other limits TA =TJ= 25˚C. TA is
the ambient temperature of the LM96000; T
J is the junction temperature of the LM96000; TD is the thermal diode junction tem-
perature.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Input Resistance, all analog inputs
210
140
k
Ω (min)
400
k
Ω (max)
DIGITAL OUTPUT: PWM1, PWM2, PWM3, XTESTOUT
I
OL
Logic Low Sink Current
V
OL=0.4V
8
mA (min)
V
OL
Logic Low Level
I
OUT =+8 mA
0.4
V (max)
SMBUS OPEN-DRAIN OUTPUT: SMBDAT
V
OL
Logic Low Output Voltage
I
OUT =+4 mA
0.4V
V (max)
I
OH
High Level Output Current
V
OUT = V+
0.1
10
µA (max)
SMBUS INPUTS: SMBCLK. SMBDAT
V
IH
Logic Input High Voltage
2.1
V (min)
V
IL
Logic Input Low Voltage
0.8
V (max)
V
HYST
Logic Input Hysteresis Voltage
300
mV
DIGITAL INPUTS: ALL
V
IH
Logic Input High Voltage
2.1
V (min)
V
IL
Logic Input Low Voltage
0.8
V (max)
V
TH
Logic Input Threshold Voltage
1.5
V
I
IH
Logic High Input Current
V
IN = V+
0.005
10
µA (max)
I
IL
Logic Low Input Current
V
IN = GND
−0.005
−10
µA (max)
C
IN
Digital Input Capacitance
20
pF
AC Electrical Characteristics
The following specifications apply for V+ = 3.0V to 3.6V unless otherwise specified in conditions. Boldface limits apply for T
A
=T
J over TMIN =0˚C to TMAX=85˚C; all other limits TA =TJ= 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
TACHOMETER ACCURACY
Fan Count Accuracy
±10
% (max)
Fan Full-Scale Count
65536
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Conversion Time
0.7
1.4
sec (max)
FAN PWM OUTPUT
Frequency Setting Accuracy
±10
% (max)
Frequency Range
10
30
Hz
kHz
Duty-Cycle Range
Low frequency range
0to100
% (max)
Duty-Cycle Resolution (8-bits)
0.390625
%
Spin-Up Time Interval Range
100
4000
ms ms
Spin-Up Time Interval Accuracy
±10
% (max)
SPIKE SMOOTHING FILTER
Time Interval Deviation
±10
% (max)
Time Interval Range
35
0.8
sec
sec
SMBUS TIMING CHARACTERISTICS
f
SMB
SMBus Operating Frequency
10
100
kHz (min)
kHz (max)
www.national.com
5


Número de pieza similar - LM96000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
LM96000CIMT/NOPB TI1-LM96000CIMT/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
LM96000CIMTX/NOPB TI1-LM96000CIMTX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
More results

Descripción similar - LM96000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com