Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FCN1913A273K-E1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
FCN1913A273K-E1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 9 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www. cde.com Type FCN Surface Mount Film Capacitors Capacitance (µF) CDE P.N. L ±.008 (±0.2) [in.(mm)] W ±.012 (±0.3) [in.(mm)] T ±.008 (±0.2) [in.(mm)] 0.12 FCN1913C124J-E1 0.189 (4.8) 0.130 (3.3) 0.055 (1.4) 0.15 FCN1913C154J-E2 0.189 (4.8) 0.130 (3.3) 0.079 (2.0) 0.18 FCN1913C184J-E2 0.189 (4.8) 0.130 (3.3) 0.079 (2.0) 0.22 FCN1913C224J-E4 0.189 (4.8) 0.130 (3.3) 0.094 (2.4) 0.27 FCN2416C274J-D1 0.236 (6.0) 0.161 (4.1) 0.071 (1.8) 0.33 FCN2416C334J-D2 0.236 (6.0) 0.161 (4.1) 0.079 (2.0) 0.39 FCN2416C394J-D3 0.236 (6.0) 0.161 (4.1) 0.094 (2.4) 0.47 FCN2416C474J-D4 0.236 (6.0) 0.161 (4.1) 0.110 (2.8) Part Numbering System Ratings FCN 1206 A 102 J H2 Tape Tape Packaging Width Diameter Reel Type Case Size Voltage Capacitance Tolerance Code (mm) [in.(mm)] Quantity FCN 1206 C = 16 Vdc 102 = 0.001 µF J = ±5% K1 = 8 7 (178) 4000 1913 H = 50 Vdc 223 = 0.022 µF K = ±10% J1, J2 = 8 7 (178) 3000 2416 A = 100 Vdc 474 = 0.47 µF H1, H2 = 8 7 (178) 3000 2420 E = 250 Vdc H3 = 8 7 (178) 2000 2820 G = 400 Vdc G1, G2, G3 = 8 7 (178) 2000 3022 E1, E2 = 12 13 (330) 3000 3925 E3, E4 = 12 13 (330) 2000 3931 D1, D2 = 12 13 (330) 3000 6031 D3, D4, D5 = 12 13 (330) 2000 6040 B, Z = 12 13 (330) 1500 U, V, X, Y = 16 13 (330) 1000 S, T = 24 13 (330) 750 Outline Drawing t L W T t = 0.014 ± 0.008 in. (0.35 ±0.2 mm) For 0.001 µF – 0.01 µF, 100 V, t = 0.026 ±0.012 in. (0.62 ± 0.3 mm) Rated Voltage: 16 Vdc (12 Vac) Operating Temperature Range: -55 to +105°C Capacitance Range: 0.12 to 0.47 µF Dielectric Withstand Voltage: 28 Vdc for 5 seconds Capacitance Tolerance: ± 5% (J) Insulation Resistance (20°C,10 Vdc, 60 Seconds); D.F. (20°C, 1 kHz): ≤ 1% For C ≤ 0.33 µF:I.R. ≥ 3000 MegΩ Max. capacitor surface temperature: 240°C For C > 0.33 µF:I.R. = 1000 MegW•µF Min. OBSOLETE |
Número de pieza similar - FCN1913A273K-E1 |
|
Descripción similar - FCN1913A273K-E1 |