Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD10FD221JO3F Datasheet(PDF) 6 Page - Cornell Dubilier Electronics |
|
CD10FD221JO3F Datasheet(HTML) 6 Page - Cornell Dubilier Electronics |
6 / 7 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Mica Capacitors, Standard Dipped Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30 Cap Volts Catalog L H T S d (pF) (Vdc) Part Number in (mm) in (mm) in (mm) in (mm) in (mm) 2700 1500 CDV30FH272JO3F 0.79 (20.1) 0.88 (22.4) 0.33( 8.4) 0.438 (11.1) 0.040 (1.0) 2700 2000 CDV30FJ272JO3F 0.81 (20.6) 0.91 (23.1) 0.40(10.2) 0.438 (11.1) 0.040 (1.0) 2700 2500 CDV30FK272JO3F 0.83 (21.1) 0.92 (23.4) 0.45(11.4) 0.438 (11.1) 0.040 (1.0) 3300 500 CD19FD332JO3F 0.68 (17.3) 0.55 (14.0) 0.29( 7.4) 0.344 ( 8.7) 0.032 ( .8) 3300 500 CD30FD332JO3F 0.77 (19.6) 0.86 (21.8) 0.25( 6.4) 0.438 (11.1) 0.040 (1.0) 3300 1000 CDV19FF332JO3F 0.72 (18.3) 0.59 (15.0) 0.38( 9.7) 0.344 ( 8.7) 0.032 ( .8) 3300 1500 CDV30FH332JO3F 0.80 (20.3) 0.89 (22.6) 0.35( 8.9) 0.438 (11.1) 0.040 (1.0) 3300 2000 CDV30FJ332JO3F 0.82 (20.8) 0.92 (23.4) 0.44(11.2) 0.438 (11.1) 0.040 (1.0) 3900 500 CD19FD392JO3F 0.69 (17.5) 0.56 (14.2) 0.31( 7.9) 0.344 ( 8.7) 0.032 ( .8) 3900 500 CD30FD392JO3F 0.77 (19.6) 0.86 (21.8) 0.26( 6.6) 0.438 (11.1) 0.040 (1.0) 3900 1000 CDV19FF392JO3F 0.74 (18.8) 0.61 (15.5) 0.42(10.7) 0.344 ( 8.7) 0.032 ( .8) 3900 1500 CDV30FH392JO3F 0.80 (20.3) 0.89 (22.6) 0.36( 9.1) 0.438 (11.1) 0.040 (1.0) 3900 2000 CDV30FJ392JO3F 0.83 (21.1) 0.93 (23.6) 0.46(11.7) 0.438 (11.1) 0.040 (1.0) 4700 500 CD19FD472JO3F 0.70 (17.8) 0.58 (14.7) 0.35( 8.9) 0.344 ( 8.7) 0.032 ( .8) 4700 500 CD30FD472JO3F 0.78 (19.8) 0.86 (21.8) 0.27( 6.9) 0.438 (11.1) 0.040 (1.0) 4700 1000 CDV19FF472JO3F 0.76 (19.3) 0.63 (16.0) 0.46(11.7) 0.344 ( 8.7) 0.032 ( .8) 4700 1500 CDV30FH472JO3F 0.81 (20.6) 0.90 (22.9) 0.38( 9.7) 0.438 (11.1) 0.040 (1.0) 5600 300 CD19FC562JO3F 0.68 (17.3) 0.56 (14.2) 0.31( 7.9) 0.344 ( 8.7) 0.032 ( .8) 5600 500 CD30FD562JO3F 0.78 (19.8) 0.87 (22.1) 0.29( 7.4) 0.438 (11.1) 0.040 (1.0) 5600 1000 CDV30FF562JO3F 0.80 (20.3) 0.89 (22.6) 0.34( 8.6) 0.438 (11.1) 0.040 (1.0) 5600 1500 CDV30FH562JO3F 0.82 (20.8) 0.91 (23.1) 0.40(10.2) 0.438 (11.1) 0.040 (1.0) 6800 300 CD19FC682JO3F 0.69 (17.5) 0.57 (14.5) 0.33( 8.4) 0.344 ( 8.7) 0.032 ( .8) 6800 500 CD30FD682JO3F 0.78 (19.8) 0.88 (22.4) 0.30( 7.6) 0.438 (11.1) 0.040 (1.0) 6800 1000 CDV30FF682JO3F 0.80 (20.3) 0.89 (22.6) 0.36( 9.1) 0.438 (11.1) 0.040 (1.0) 6800 1500 CDV30FH682JO3F 0.83 (21.1) 0.92 (23.4) 0.42(10.7) 0.438 (11.1) 0.040 (1.0) 8200 100 CD19FA822JO3F 0.70 (17.8) 0.58 (14.7) 0.35( 8.9) 0.344 ( 8.7) 0.032 ( .8) 8200 500 CD30FD822JO3F 0.79 (20.1) 0.88 (22.4) 0.32( 8.1) 0.438 (11.1) 0.040 (1.0) 8200 1000 CDV30FF822JO3F 0.81 (20.6) 0.90 (22.9) 0.39( 9.9) 0.438 (11.1) 0.040 (1.0) 8200 1500 CDV30FH822JO3F 0.84 (21.3) 0.93 (23.6) 0.46(11.7) 0.438 (11.1) 0.040 (1.0) 10000 100 CD19FA103JO3F 0.72 (18.3) 0.60 (15.2) 0.37( 9.4) 0.344 ( 8.7) 0.032 ( .8) 10000 500 CD30FD103JO3F 0.80 (20.3) 0.89 (22.6) 0.34( 8.6) 0.438 (11.1) 0.040 (1.0) 10000 1000 CDV30FF103JO3F 0.82 (20.8) 0.91 (23.1) 0.42(10.7) 0.438 (11.1) 0.040 (1.0) 12000 500 CD30FD123JO3F 0.80 (20.3) 0.89 (22.6) 0.36( 9.1) 0.438 (11.1) 0.040 (1.0) 12000 1000 CDV30FF123JO3F 0.83 (21.1) 0.92 (23.4) 0.46(11.7) 0.438 (11.1) 0.040 (1.0) 15000 500 CD30FD153JO3F 0.81 (20.6) 0.90 (22.9) 0.39( 9.9) 0.438 (11.1) 0.040 (1.0) 18000 500 CD30FD183JO3F 0.82 (20.8) 0.91 (23.1) 0.43(10.9) 0.438 (11.1) 0.040 (1.0) 22000 500 CD30FD223JO3F 0.83 (21.1) 0.93 (23.6) 0.46(11.7) 0.438 (11.1) 0.040 (1.0) 22000 500 CD42FD223JO3F 1.42 (36.1) 0.88 (22.4) 0.31( 7.9) 1.063 (27.0) 0.040 (1.0) 33000 100 CD30FA333JO3F 0.83 (21.1) 0.91 (23.1) 0.44(11.2) 0.438 (11.1) 0.040 (1.0) 33000 500 CD42FD333JO3F 1.44 (36.6) 0.89 (22.6) 0.36( 9.1) 1.063 (27.0) 0.040 (1.0) 39000 500 CD42FD393JO3F 1.45 (36.8) 0.90 (22.9) 0.40(10.2) 1.063 (27.0) 0.040 (1.0) 47000 500 CD42FD473JO3F 1.47 (37.3) 0.91 (23.1) 0.45(11.4) 1.063 (27.0) 0.040 (1.0) 68000 300 CD42FC683JO3F 1.48 (37.6) 0.92 (23.4) 0.47(11.9) 1.063 (27.0) 0.040 (1.0) 82000 100 CD42FA823JO3F 1.48 (37.6) 0.92 (23.4) 0.46(11.7) 1.063 (27.0) 0.040 (1.0) 91000 100 CD42FA913JO3F 1.50 (38.1) 0.94 (23.9) 0.50(12.7) 1.063 (27.0) 0.040 (1.0) |
Número de pieza similar - CD10FD221JO3F |
|
Descripción similar - CD10FD221JO3F |