Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC08CD040D-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
MC08CD040D-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 10 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Types MC and MCN Multilayer RF Capacitors 1 Highlights Voltages: Capacitance Range: Capacitance Tolerance: Temperature Range: Case Sizes: Rugged flexibility and compatibility with FR4 boards make Type MC and MCN capacitors ideal for use where other multilayer caps aren’t recommended because of cracking. The natural mica dielectric retains its high-Q to many megahertz, so higher frequency applications are limited by the circuit inductance, not the Type MC capacitor. Nonmagnetic Type MCN chips are available for MRI and other high frequency applications that often use more expensive porcelain ceramic chips. High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option Specifications 100 Vdc, 500 Vdc, and 1000 Vdc 0.5 pF to 2,200 pF ±0.1pF to ±5% –55 ºC to +125 ºC 0805, 1210, 1812, and 2220 • Extremely high Q at UHF/VHF frequencies • Free from thermal cracking, FR4 compatible • Wave solderable • Nonmagnetic option • Exceed 2 mm bend test • Better than porcelain • High RF current — dV/dt 20,000 V/µs • Rock stable: No change with time, V & f Applications • MRI Coils and Generators • RF Instruments • Power Amplifiers • Tuned LCR Circuits • CATV • Ground and Flight Mobile Radio • Lasers • Software - Defined Frequency-Hopping Radio Cap Catalog Case Cap Catalog Case Cap Catalog Case (pF) Part Number Type (pF) Part Number Type (pF) Part Number Type 100 Vdc 100 Vdc 100 Vdc 0.5 MC08CA0R5D-F 0805 68 MC08FA680J-F 0805 360 MC12FA361J-F 1210 1.0 MC08CA010D-F 0805 75 MC08FA750J-F 0805 390 MC12FA391J-F 1210 2.0 MC08CA020D-F 0805 82 MC08FA820J-F 0805 430 MC12FA431J-F 1210 3.0 MC08CA030D-F 0805 91 MC08FA910J-F 0805 250 MC18FA251J-F 1812 4.0 MC08CA040D-F 0805 100 MC08FA101J-F 0805 270 MC18FA271J-F 1812 5.0 MC08CA050D-F 0805 47 MC12FA470J-F 1210 300 MC18FA301J-F 1812 6.0 MC08CA060D-F 0805 50 MC12FA500J-F 1210 330 MC18FA331J-F 1812 7.0 MC08CA070D-F 0805 51 MC12FA510J-F 1210 360 MC18FA361J-F 1812 8.0 MC08CA080D-F 0805 56 MC12FA560J-F 1210 390 MC18FA391J-F 1812 9.0 MC08CA090D-F 0805 62 MC12FA620J-F 1210 430 MC18FA431J-F 1812 10.0 MC08CA100D-F 0805 68 MC12FA680J-F 1210 470 MC18FA471J-F 1812 12.0 MC08EA120J-F 0805 75 MC12FA750J-F 1210 500 MC18FA501J-F 1812 15.0 MC08EA150J-F 0805 82 MC12FA820J-F 1210 510 MC18FA511J-F 1812 18.0 MC08EA180J-F 0805 91 MC12FA910J-F 1210 560 MC18FA561J-F 1812 20.0 MC08EA200J-F 0805 100 MC12FA101J-F 1210 620 MC18FA621J-F 1812 22.0 MC08EA220J-F 0805 110 MC12FA111J-F 1210 680 MC18FA681J-F 1812 24.0 MC08EA240J-F 0805 120 MC12FA121J-F 1210 750 MC18FA751J-F 1812 27.0 MC08EA270J-F 0805 130 MC12FA131J-F 1210 820 MC18FA821J-F 1812 30.0 MC08EA300J-F 0805 150 MC12FA151J-F 1210 910 MC22FA911J-F 2220 33.0 MC08FA330J-F 0805 160 MC12FA161J-F 1210 1000 MC22FA102J-F 2220 36.0 MC08FA360J-F 0805 180 MC12FA181J-F 1210 1100 MC22FA112J-F 2220 39.0 MC08FA390J-F 0805 200 MC12FA201J-F 1210 1200 MC22FA122J-F 2220 43.0 MC08FA430J-F 0805 220 MC12FA221J-F 1210 1500 MC22FA152J-F 2220 47.0 MC08FA470J-F 0805 240 MC12FA241J-F 1210 1800 MC22FA182J-F 2220 50.0 MC08FA500J-F 0805 250 MC12FA251J-F 1210 2000 MC22FA202J-F 2220 51.0 MC08FA510J-F 0805 270 MC12FA271J-F 1210 2200 MC22FA222J-F 2220 56.0 MC08FA560J-F 0805 300 MC12FA301J-F 1210 62.0 MC08FA620J-F 0805 330 MC12FA331J-F 1210 RoHS Compliant Ratings |
Número de pieza similar - MC08CD040D-F |
|
Descripción similar - MC08CD040D-F |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |