Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TDC155025NSE-F Datasheet(Hoja de datos) 3 Page - Cornell Dubilier Electronics

No. de Pieza. TDC155025NSE-F
Descripción  Dipped, Radial Leaded, Solid Tantalum Capacitors
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CDE [Cornell Dubilier Electronics]
Página de inicio  http://www.cde.com
Logo 

   
 3 page
background image
Type TDC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
* Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order)
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
Dimensions - Inches (Millimeters)
Case
Leads
Code
D (Max.)
H (Max.)
S
Code
E
.175 (4.45) .350 (8.89) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
F
.250 (6.35) .500 (12.7) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
G
.350 (8.89) .650 (16.51) .250 (6.35) (Special)
W
Max.
Max. DF
Max.
Max. DF
Catalog
Case
Lead
DCL
@ +25 ºC
Catalog
Case
Lead
DCL
@ +25 ºC
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
(µF)
(S)
(µA)
(%)
(µF)
(S)
(µA)
(%)
16 WVdc; 20 Vdc Surge @ 85 ºC
20 WVdc; 26 Vdc Surge @ 85 ºC
10 WVdc; 12 Vdc Surge @ 125 ºC
13 WVdc; 16 Vdc Surge @ 125 ºC
1.5
TDC155*016NSE-F
E
0.125
0.5
5
8.2
TDC825*020NSF-F
F
0.125
1.3
6
1.8
TDC185*016NSE-F
E
0.125
0.5
5
10
TDC106*020NSF-F
F
0.125
1.6
6
2.2
TDC225*016NSE-F
E
0.125
0.5
5
12
TDC126*020NSF-F
F
0.125
1.9
6
2.7
TDC275*016NSE-F
E
0.125
0.5
5
15
TDC156*020NSF-F
F
0.125
2.4
6
3.3
TDC335*016NSE-F
E
0.125
0.5
5
18
TDC186*020NSF-F
F
0.125
2.9
6
3.9
TDC395*016NSE-F
E
0.125
0.5
5
22
TDC226*020NSF-F
F
0.125
3.5
6
4.7
TDC475*016NSE-F
E
0.125
0.6
5
33
TDC336*020WSG-F
G
0.25
5.3
6
5.6
TDC565*016NSE-F
E
0.125
0.7
5
39
TDC396*020WSG-F
G
0.25
6.2
6
6.8
TDC685*016NSE-F
E
0.125
0.9
5
47
TDC476*020WSG-F
G
0.25
7.5
6
8.2
TDC825*016NSE-F
E
0.125
1.0
6
56
TDC566*020WSG-F
G
0.25
9.0
6
10
TDC106*016NSF-F
F
0.125
1.3
6
68
TDC686*020WSG-F
G
0.25
10.0
6
12
TDC126*016NSF-F
F
0.125
1.5
6
82
TDC826*020WSG-F
G
0.25
10.0
8
15
TDC156*016NSF-F
F
0.125
1.8
6
100
TDC107*020WSG-F
G
0.25
10.0
8
18
TDC186*016NSF-F
F
0.125
2.2
6
25 WVdc; 32 Vdc Surge @ 85 ºC
22
TDC226*016NSF-F
F
0.125
2.6
6
17 WVdc; 22 Vdc Surge @ 125 ºC
27
TDC276*016NSF-F
F
0.125
3.2
6
1.0
TDC105*025NSE-F
E
0.125
0.50
3
33
TDC336*016NSF-F
F
0.125
4.0
6
1.2
TDC125*025NSE-F
E
0.125
0.50
5
39
TDC396*016WSG-F
G
0.25
4.7
6
1.5
TDC155*025NSE-F
E
0.125
0.50
5
47
TDC476*016WSG-F
G
0.25
5.6
6
1.8
TDC185*025NSE-F
E
0.125
0.50
5
56
TDC566*016WSG-F
G
0.25
6.8
6
2.2
TDC225*025NSE-F
E
0.125
0.50
5
68
TDC686*016WSG-F
G
0.25
8.2
6
2.7
TDC275*025NSE-F
E
0.125
0.50
5
82
TDC826*016WSG-F
G
0.25
9.8
8
3.3
TDC335*025NSE-F
E
0.125
0.70
5
100
TDC107*016WSG-F
G
0.25
10.0
8
3.9
TDC395*025NSE-F
E
0.125
0.80
5
120
TDC127*016WSG-F
G
0.25
10.0
8
4.7
TDC475*025NSF-F
F
0.125
0.90
5
150
TDC157*016WSG-F
G
0.25
10.0
8
5.6
TDC565*025NSF-F
F
0.125
1.10
5
20 WVdc; 26 Vdc Surge @ 85 ºC
6.8
TDC685*025NSF-F
F
0.125
1.40
5
13 WVdc; 16 Vdc Surge @ 125 ºC
8.2
TDC825*025NSF-F
F
0.125
1.60
6
1.0
TDC105*020NSE-F
E
0.125
0.5
3
10
TDC106*025NSF--F
F
0.125
2.0
6
1.2
TDC125*020NSE-F
E
0.125
0.5
5
12
TDC126*025NSF-F
F
0.125
2.4
6
1.5
TDC155*020NSE-F
E
0.125
0.5
5
15
TDC156*025NSF-F
F
0.125
3.0
6
1.8
TDC185*020NSE-F
E
0.125
0.5
5
18
TDC186*025NSF-F
F
0.125
3.6
6
2.2
TDC225*020NSE-F
E
0.125
0.5
5
22
TDC226*025NSF-F
F
0.125
4.4
6
2.7
TDC275*020NSE-F
E
0.125
0.5
5
27
TDC276*025WSG-F
G
0.250
5.4
6
3.3
TDC335*020NSE-F
E
0.125
0.5
5
33
TDC336*025WSG-F
G
0.250
6.6
6
3.9
TDC395*020NSE-F
E
0.125
0.6
5
39
TDC396*025WSG-F
G
0.250
7.8
6
4.7
TDC475*020NSE-F
E
0.125
0.8
5
47
TDC476*025WSG-F
G
0.250
9.4
6
5.6
TDC565*020NSF-F
F
0.125
0.9
5
56
TDC566*025WSG-F
G
0.250
10.0
6
6.8
TDC685*020NSF-F
F
0.125
1.1
5
68
TDC686*025WSG-F
G
0.250
10.0
6
Ratings




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl