Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST75C176CN Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST75C176CN
Descripción Electrónicos  Low power RS-485/RS-422 transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176CN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST75C176CN Datasheet HTML 4Page - STMicroelectronics ST75C176CN Datasheet HTML 5Page - STMicroelectronics ST75C176CN Datasheet HTML 6Page - STMicroelectronics ST75C176CN Datasheet HTML 7Page - STMicroelectronics ST75C176CN Datasheet HTML 8Page - STMicroelectronics ST75C176CN Datasheet HTML 9Page - STMicroelectronics ST75C176CN Datasheet HTML 10Page - STMicroelectronics ST75C176CN Datasheet HTML 11Page - STMicroelectronics ST75C176CN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST75C176B - ST75C176C
8/17
Note:
All currents into device pins are positive; all cuts out of device pins are negative; all voltages
are referenced to device ground unless specified.
Table 8.
Receiver switching characteristics
(VCC = 5V ± 5%, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25°C) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input to
output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 8)
20
130
210
ns
tSKD
Differential receiver skew
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 8)
13
ns
tPZH
Output enable time
CRL = 15pF, S1 = Closed
(See Figure 3 and Figure 9)
20
50
ns
tPZL
Output enable time
CRL = 15pF, S2 = Closed
(See Figure 3 and Figure 9)
20
50
ns
tPLZ
Output disable time
CRL = 15pF, S1 = Closed
(See Figure 3 and Figure 9)
20
50
ns
tPHZ
Output disable time
CRL = 15pF, S2 = Closed
(See Figure 3 and Figure 9)
20
50
ns
fMAX
Maximum data rate
2.5
Mbps


Número de pieza similar - ST75C176CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST75C176CN STMICROELECTRONICS-ST75C176CN Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
More results

Descripción similar - ST75C176CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com