Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9643BCPZ-210 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9643BCPZ-210
Descripción Electrónicos  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9643BCPZ-210 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9643BCPZ-210 Datasheet HTML 6Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 9Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 10Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 11Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 12Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 13Page - Analog Devices AD9643BCPZ-210 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9643
Data Sheet
Rev. E | Page 10 of 36
Timing Diagrams
VIN
CLK+
CLK–
DCO–
DCO+
D0±
(LSB)
PARALLEL INTERLEAVED
CHANNEL MULTIPLEXED
(EVEN/ODD) MODE
CHANNEL MULTIPLEXED
(EVEN/ODD) MODE
D13±
(MSB)
D0±/D1±
(LSB)
CH A
N – 10
CH B
N – 10
CH A
N – 9
CH B
N – 9
CH A
N – 8
CH B
N – 8
CH A
N – 7
CH B
N – 7
CH A
N – 6
CH A
N – 10
CH B
N – 10
CH A
N – 9
CH B
N – 9
CH A
N – 8
CH B
N – 8
CH A
N – 7
CH B
N – 7
CH A
N – 6
CH A0
N – 10
CH A1
N – 10
CH A0
N – 9
CH A1
N – 9
CH A0
N – 8
CH A1
N – 8
CH A0
N – 7
CH A1
N – 7
CH A0
N – 6
CH A12
N – 10
CH A13
N – 10
CH A12
N – 9
CH A13
N – 9
CH A12
N – 8
CH A13
N – 8
CH A12
N – 7
CH A13
N – 7
CH A12
N – 6
CH B0
N – 10
CH B1
N – 10
CH B0
N – 9
CH B1
N – 9
CH B0
N – 8
CH B1
N – 8
CH B0
N – 7
CH B1
N – 7
CH B0
N – 6
CH B12
N – 10
CH B13
N – 10
CH B12
N – 9
CH B13
N – 9
CH B12
N – 8
CH B13
N – 8
CH B12
N – 7
CH B13
N – 7
CH B12
N – 6
CHANNEL A
D12±/D13±
(MSB)
D0±/D1±
(LSB)
CHANNEL B
D12±/D13±
(MSB)
N – 1
N
N + 1
N + 2
N + 3
N + 4
N + 5
tA
tCH
tPD
tSKEW
tDCO
tCLK
.
.
.
.
.
.
.
.
.
CHANNEL A AND
CHANNEL B
Figure 2. LVDS Modes for Data Output Timing
tSSYNC
tHSYNC
SYNC
CLK+
Figure 3. SYNC Timing Inputs


Número de pieza similar - AD9643BCPZ-210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9643BCPZ-210 AD-AD9643BCPZ-210 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Descripción similar - AD9643BCPZ-210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com