Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA516BE Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STA516BE
Descripción Electrónicos  500 W FFX digital amplifier power stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA516BE Datasheet HTML 4Page - STMicroelectronics STA516BE Datasheet HTML 5Page - STMicroelectronics STA516BE Datasheet HTML 6Page - STMicroelectronics STA516BE Datasheet HTML 7Page - STMicroelectronics STA516BE Datasheet HTML 8Page - STMicroelectronics STA516BE Datasheet HTML 9Page - STMicroelectronics STA516BE Datasheet HTML 10Page - STMicroelectronics STA516BE Datasheet HTML 11Page - STMicroelectronics STA516BE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STA516BE
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOCP
Overcurrent protection
threshold Isc (short-circuit
current limit)
(1)
-
8.5
9.5
11
A
VUVP
Undervoltage protection
threshold
-
-
7
-
V
VOVP
Overvoltage protection
threshold
-
61
62.5
V
tpw_min
Output minimum pulse
width
No load
50
-
110
ns
Notes:
(1)See specific application note number: AN1994
Table 7: Threshold switching voltage variation with voltage on pin VL
Voltage on pin VL, VL
VLOW max
VHIGH min
Unit
2.7
1.05
1.65
V
3.3
1.4
1.95
V
5.0
2.2
2.8
V
Table 8: Logic truth table
Pin
TRISTATE
Inputs as per Figure 3:
"Current dead-time test
circuit"
Transistors as per Figure 3:
"Current dead-time test circuit"
Output
mode
INxA
INxB
Q1
Q2
Q3
Q4
0
x
x
Off
Off
Off
Off
Hi Z
1
0
0
Off
Off
On
On
Dump
1
0
1
Off
On
On
Off
Negative
1
1
0
On
Off
Off
On
Positive
1
1
1
On
On
Off
Off
Not used
8/20
DocID026166 Rev 1


Número de pieza similar - STA516BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
More results

Descripción similar - STA516BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com