Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-MUSBR-2M5C-0X4BP Datasheet(PDF) 1 Page - Amphenol Corporation

No. de pieza P-MUSBR-2M5C-0X4BP
Descripción Electrónicos  OPERATING TEMPERATURE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSBR-2M5C-0X4BP Datasheet(HTML) 1 Page - Amphenol Corporation

  P-MUSBR-2M5C-0X4BP Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50.0±2.0
1.969±.079
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
03554
K. LAMBIE
ANGULAR DEGREES
MUSBR SERIES
1
A
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MUSBR-2M5C-0X4BP
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
RoHS COMPLIANT
M. PAHULJE
A
PROPOSAL DRAWING (EAR 14368)
MAY19/15
K.L.
DWG SIZE:
FOR USB TYPE C RECEPTACLE,
DUST COVER,
DRAWING
MAY05/15
EAR 14368
4:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.15
0.3
THIRD
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
MAY19/15
APPLICATION
VIEW
NOTES:
MATERIAL:
1.
DUST COVER: SILICONE RUBBER,SEE
TABLE 1 FOR COLOUR.
BUSHING: BRASS, NICKEL PLATED.
OPERATING TEMPERATURE: -40°C TO +105°C.
2.
PART IS RoHS COMPLIANT PER EU DIRECTIVE
3.
2011/65/EU AND AMENDMENTS.
TABLE 1
PART NUMBER
COLOUR
MUSBR-2M5C-004BP
GREY
MUSBR-2M5C-014BP
BLACK
TABLE 1
PART NUMBER
COLOUR
MUSBR-2M5C-004BP
GREY
MUSBR-2M5C-014BP
BLACK
57.80
2.276
REF
A
A
(NOT SUPPLIED)
SCREWS
CUSTOMER
MOUNTING
PANEL
MUSBR SERIES
USB TYPE C
RECEPTACLE
SECTION A-A
BUSHING
B
.074
.244
.087
1.87
2.0
.101
.079
2.57
6.20
.097
.189
4.80
2.46
2.20
1.60
.063
DETAIL B
SCALE 8 : 1
.028
0.70
3.20
.126
6.00
.236
10.0
.079
.324
8.24
2.00
.394
8.0
.317


Número de pieza similar - P-MUSBR-2M5C-0X4BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
P-MUSBR-A111 AMPHENOL-P-MUSBR-A111 Datasheet
227Kb / 3P
   MUSBR Rugged USB
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A511 AMPHENOL-P-MUSBR-A511 Datasheet
227Kb / 3P
   MUSBR Rugged USB
P-MUSBR-A511-XX AMPHENOL-P-MUSBR-A511-XX Datasheet
190Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-AHD2-XX1XX AMPHENOL-P-MUSBR-AHD2-XX1XX Datasheet
250Kb / 3P
   TO ORDER CABLE TIES SEPARATELY
More results

Descripción similar - P-MUSBR-2M5C-0X4BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
R4BBLKBLKGRNEF3 E-SWITCH-R4BBLKBLKGRNEF3 Datasheet
117Kb / 1P
   OPERATING TEMPERATURE
logo
jb Capacitors Company
JFG JBCAPACITORS-JFG Datasheet
413Kb / 4P
   Operating Temperature
JFL JBCAPACITORS-JFL Datasheet
296Kb / 2P
   Operating Temperature
logo
Wurth Elektronik GmbH &...
784787470 WURTH-784787470 Datasheet
590Kb / 7P
   Operating Temperature
784787181 WURTH-784787181 Datasheet
590Kb / 7P
   Operating Temperature
784787680 WURTH-784787680 Datasheet
590Kb / 7P
   Operating Temperature
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK Datasheet
237Kb / 1P
   Operating Temperature
logo
List of Unclassifed Man...
HM72A-064R7LFTR13 ETC2-HM72A-064R7LFTR13 Datasheet
636Kb / 4P
   Operating Temperature Range
logo
Wall Industries,Inc.
QAW WALL-QAW Datasheet
143Kb / 3P
   Higher Operating Temperature
logo
Alliance Semiconductor ...
AS4C16M16SA-CI ALSC-AS4C16M16SA-CI Datasheet
1Mb / 55P
   Operating temperature range
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com