Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDC2040C Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

No. de pieza SDC2040C
Descripción Electrónicos  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SDC2040C Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SDC2040C_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SDC2040C_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SDC2040C_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: TO-220AC molded plastic
Polarity: As marked on the body
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward
Rectified Current ( See Fig.1)
@TC=95 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 10A DC(Note1)
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Thermal Resistance(Note2)
RθJc
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
2.Thermal Resistance Junction to case(without heatsink).
1.5
-55 to +200
-55 to +200
NOTES:1.300us pulse width,2% dudy cycle.
IR
0.5
mA
50
IFSM
150
A
0.55
I(AV)
20
A
40
45
UNIT
SDC2040C
40
28
SDC2045C
45
31.5
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
CHARACTERISTICS
SYMBOL
Metal of silicon rectifier , majority carrier conduction
Plastic package has UL flammability
classification 94V-0
SDC2040C thru SDC2045C
PHOTOVOLTAIC SOLAR CELL
PROTECTION SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 40 to 45 Volts
FORWARD CURRENT - 20 Amperes
TO-220AC
(3.5)
.138
.012(0.3)
.024(0.6)
.055(1.4)
.047(1.2)
.189(4.8)
.531(13.5)
.583(14.8)
.610(15.5)
.583(14.8)
.177
(4.5)
.230(5.8)
.270(6.9)
.091(2.3)
.102(2.6)
.043(1.1)
.032(0.8)
.057(1.45)
.04 MAX
(1.0)
.135(3.44)
.153(3.9)
.146(3.7)
.374(9.5)
.413(10.5)
.103(2.62)
.045(1.14)
MAX
MAX
.173(4.4)


Número de pieza similar - SDC2040C_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SDC2040C DCCOM-SDC2040C Datasheet
32Kb / 2P
   RECTIFIER SPECIALISTS
logo
HY ELECTRONIC CORP.
SDC2040C HY-SDC2040C Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Descripción similar - SDC2040C_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
08-Feb-17
VSB1545S-E3 VISHAY-VSB1545S-E3 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 11-Sep-13
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com