Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2520CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SB2520CT
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2520CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB2520CT_16 Datasheet HTML 1Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 2Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 3Page - Pan Jit International Inc. SB2520CT_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 28,2016-REV.05
SB2520CT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
CURRENT
25 Ampere
MECHANCEAL DATA
• Case: TO-220AB Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA ME TE R
S YM B OL S B 2520CT S B 2530C T S B 2540C T S B 2545CT S B 2550CT S B 2560C T
UNITS
Ma xi mum Re c ur r e nt P e a k Re ve r s e Vo lta g e
V
RRM
20
3 0
40
45
5 0
6 0
V
Ma xi mum RMS Vo lt a g e
V
RMS
14
21
28
3 1 .5
3 5
4 2
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
20
3 0
40
45
5 0
6 0
V
Ma xi mum A ve r a g e F o r wa r d C ur r e nt
I
F(AV )
25
A
P e a k F o r wa r d S ur g e C ur r e nt : 8. 3m s s i ng le
ha lf s i ne - wa ve s upe r i m p os e d on r a te d lo ad
I
FSM
20 0
A
M a xi m um F o r war d Vo ltag e a t 12 .5 A p e r le g
V
F
0.55
0.7 5
V
Ma xi mum D C Re ve r s e C ur r e nt a t
Ra te d D C B lock i ng Vo ltag e
T
J = 25
OC
T
J = 100
O C
I
R
0. 2
10 0
mA
Typi c a l The r m a l Re si sta nce
R
θJC
2
OC / W
Op er a ti ng Junc t i on Te m p er at ur e Ra ng e
T
J
- 5 5 to +1 25
- 5 5 to +1 50
OC
S t or a ge Te m per a tur e Ra ng e
T
STG
-5 5 to +1 5 0
C


Número de pieza similar - SB2520CT_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB2520CT PANJIT-SB2520CT_10 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB2520CT_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com