Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SJ2-35825D-SMT Datasheet(PDF) 1 Page - CUI INC

No. de Pieza. SJ2-35825D-SMT
Descripción  reflow solder compatible
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo 

SJ2-35825D-SMT Datasheet(HTML) 1 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/12/2016
page 1 of 4
cui.com
SERIES: SJ2-3582X-SMT
│ DESCRIPTION: AUDIO JACK
FEATURES
• 5 conductor
• right angle
• reflow solder compatible
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
Switch Options:
A = no switch
D = tip & ring switch
SJ2-3582 X X - SMT-TR
# Conductors:
5 = 5
Package Style:
SMT = surface mount
Packaging:
TR = Tape & Reel
For more information, please visit the product page.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn