Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SJ2-35862B-SMT Datasheet(PDF) 2 Page - CUI INC

No. de Pieza. SJ2-35862B-SMT
Descripción  narrow footprint
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo 

SJ2-35862B-SMT Datasheet(HTML) 2 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SJ2-3586X-SMT │ DESCRIPTION: AUDIO JACK
date 12/19/2016
│ page 2 of 4
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 4
copper alloy
silver
terminal 10
copper alloy
silver
plastic
PA10T
Recommended PCB Layout
Top View
Model No.
SJ2-35862B-SMT SJ2-35863A-SMT SJ2-35863A1-SMT
SJ2-35863B-SMT
SJ2-35863B1-SMT
Schematic
1
2
10
1
2
3
1
2
3
10
PIN
1
sleeve
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
tip
3
NP
ring
ring
ring
ring
4
NP
NP
sleeve
NP
sleeve
10
tip switch
NP
NP
tip switch
tip switch
Ø3.5 MATING PLUG
units: mm
tolerance:
X.X ±0.2 mm
X.XX ±0.10 mm
X.XXX ±0.050 mm
PCB: ±0.05 mm
For more information, please visit the product page.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn