Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


S1M8662AX01-F0T0 Datasheet(Hoja de datos) 8 Page - Samsung semiconductor

No. de Pieza. S1M8662AX01-F0T0
Descripción  CDMA/PCS/GPS Triple Mode IF/ baseband IC
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

 8 page
background image
S1M8662A (Preliminary)
RX IF/BBA WITH GPS
8
AC Characteristics (Continued)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Single-tone
jammer desense
Overall gain reduction due to one jammer.
The in-band signal at -97dBm (control the
AGC control voltage to 0.5*F/S)and the
jammer signal at 900kHz and -57dBm are
simultaneously input.
Jdsen
-
-
1.0
dB
Residual
Sideband
RSB
k
k
k
k
=
+
+
+
20
1
2
1
2
2
2
log
cos
cos
θ
θ
k : Linear Gain Mismatch
θ : Phase Mismatch in Deg.
RSB
22
dB
Offset gain slope
Amount of code change of the voltage ADC
output at the I/Q offset control
GOFS
-
250
-
%FS/V
Offset adjust
input impedance
-
Zoff
100
-
-
k
Out-band
≥ 900kHz
ATC9
46
-
-
dB
attenuation
≥ 1.2MHz
ATC12
48
-
-
dB
Gain flatness
Amount of gain change along I and Q paths
between 1kHz to 615kHz
Gft
-1
1
dB
IF VCO pertormance
VCO and
buffered output
Frequency range
VCO external time constant and PLL value
Fvco
-
170
500
MHz
VCO phase noise
Tank LC's Q value should be above 20.
Measure @100kHz away from the mid-
frequency.
Pvco
-
-
104
dBc/Hz
RXVCO_OUT
output power
Select a VCO buffer output value reduced by
-2dB. Connect output load to 50
Ω.
Ovco
-15
-
-
dBm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ISL6235Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications 1 2 3 4 5 MoreIntersil Corporation
STR54041Hybrid IC Voltage Regulator Module NPN Triple Diffused for TV Switch Mode Power Supply 1 2 3 4 5 MoreSanken electric
NFS350Triple and quad output 350 Watt AC/DC universal input switch mode power supplies 1 2 3 4 Artesyn Technologies
HDU200DC-DC CONVERTER 19” COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES 1 2 Total Power International
S1M8656ACDMA/AMPS Dual Mode IF/ baseband IC 1 2 3 4 5 MoreSamsung semiconductor
NFS50Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies 1 2 Artesyn Technologies
NFS42Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies 1 2 Artesyn Technologies
NAN55Single dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies 1 2 Artesyn Technologies
PLUTODual Mode CDMA/AMPS Baseband Interface 1 2 3 4 5 MoreMitel Networks Corporation
FC1703Receiver RFIC for Dual-Band Triple Mode 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl