Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-U77-C161X-X001 Datasheet(PDF) 4 Page - Amphenol Corporation

No. de pieza P-U77-C161X-X001
Descripción Electrónicos  LIGHT PIPE BRACKET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-C161X-X001 Datasheet(HTML) 4 Page - Amphenol Corporation

  P-U77-C161X-X001 Datasheet HTML 1Page - Amphenol Corporation P-U77-C161X-X001 Datasheet HTML 2Page - Amphenol Corporation P-U77-C161X-X001 Datasheet HTML 3Page - Amphenol Corporation P-U77-C161X-X001 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
10.00
20.00
22.80
27.50
30.00
32.50
37.10
4.50
41.90
5.00
15.00
25.00
30.90
35.00
(SEE NOTE 1)
BSC
B
X
THIS AREA DENOTES
COMPONENTS KEEP-OUT
(TRACES ALLOWED)
Z
X
S
M
X
S
Z
CROSS-HATCHED AREA
DENOTES COMPONENT AND
TRACE KEEP-OUT
(EXCEPT CHASSIS GROUND)
0.1
Z
X
S
0.1 M
M
Y
X
0.1
-Z-
0.1 M
Y
C
1.05±0.00
±0.05
1.05
(10 PLCS)
±0.05
(PLATED HOLE)
0.85
0.95 (9 PLCS)
A.G
SEP.10,09
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
SEP.10,09
A.G.
GASKET WITH LIGHT PIPE
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
4 OF 4
REV.
1X1 SFP+ CAGE,
TOLERANCES ARE:
A
SPRING FINGER&WITH SOLDER PINS,
P-U77-C161X-X001
DWG APP'D
TITLE
DECIMALS
ANGLES
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
1
0.10
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
PROPOSAL
SEP.10,09
ECN/E-R
DESIGNED
3:1
A
7
CODE IDENT. NO.
03554
ChigowX
J.SI
OR USED FOR MANUFACTURING PUPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
X.X 0.15
X.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
SEP.10,09
0.95
0.85
HOLE SIZES
1.55
1.05
L
X
SCALE 4 : 1
DETAIL B
S
-W-
Z
0.1
L
W
Z
V
S
X
L
0.1
-V-
0.06
0.06 L W V
(TYP.)
4.10
(TYP.)
±0.05
1.55
9.60
2.50
0.50±0.03 (20 PLCS)
1.00
(TYP.)
2.00±0.03 (20 PLCS)
4.10
0.80
1.40
9.60 TYP.
3.60
1.55±0.05
DETAIL C
SCALE 6 : 1
2.00±0.10
(TYP.)
±0.10
(TYP.)
2.00
1.05
NOTES:
DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER.
1.
PADS AND VIAS ARE CHASSIS GROUND.
2.
THRU-HOLES PLATING OPTIONAL.
3.
SEE DRAWING P-U76-A20-X00XX FOR CONNECTOR LAYOUT.
4.


Número de pieza similar - P-U77-C161X-X001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
P-U77-C1619-X001 AMPHENOL-P-U77-C1619-X001 Datasheet
155Kb / 3P
   d-sub technical data
More results

Descripción similar - P-U77-C161X-X001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
LPF-S0112525S-17 LUMEX-LPF-S0112525S-17 Datasheet
89Kb / 1P
   CUSTOM LIGHT PIPE
logo
List of Unclassifed Man...
VLP-200-F ETC2-VLP-200-F Datasheet
197Kb / 1P
   VERTICAL LIGHT PIPE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com