Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA9253 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

No. de pieza SDA9253
Descripción Electrónicos  2.6 MBit Dynamic Sequential Access Memory for Television Applications (TV-SAM)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA9253 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SDA9253 Datasheet HTML 6Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 7Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 8Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 9Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 10Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 11Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 12Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 13Page - Siemens Semiconductor Group SDA9253 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SDA 9253
Semiconductor Group
10
1998-01-30
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Storage temperature
T
stg
– 55
125
°C
Soldering temperature
T
sold
260
°C
Soldering time
t
sold
10
s
Input/output voltage
V
I/Q
– 1
7
V
Test function input voltage
V
I
– 1
7
V
For factory use only
Power supply voltage
V
DD
– 1
7
V
Data out current (short circuit)
I
Q
10
mA
Total power dissipation
P
tot
1.2
W
Power dissipation per output
P
Q
60
mW
Operating Range
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Supply voltage
V
DD1
4.5
5.0
5.5
V
Supply voltage
V
DD2
4.5
5.0
5.5
V
Supply voltage
V
SS1
0V
Supply voltage
V
SS2
0V
H-input voltage
V
IH
2.0
6.5
V
L-input voltage
V
IL
– 1.0
0.8
V
Ambient temperature
T
A
025
70
°C


Número de pieza similar - SDA9253

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9251-2X SIEMENS-SDA9251-2X Datasheet
771Kb / 23P
   868352-Bit Dynamic Sequential Access Memory for Television Applications (TV-SAM)
SDA9254-2 SIEMENS-SDA9254-2 Datasheet
183Kb / 32P
   2.6 MBit Dynamic Sequential Access Memory for Television Applications (TV-SAM) with On-chip Noise Reduction Filter
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
More results

Descripción similar - SDA9253

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9251-2X SIEMENS-SDA9251-2X Datasheet
771Kb / 23P
   868352-Bit Dynamic Sequential Access Memory for Television Applications (TV-SAM)
SDA9254-2 SIEMENS-SDA9254-2 Datasheet
183Kb / 32P
   2.6 MBit Dynamic Sequential Access Memory for Television Applications (TV-SAM) with On-chip Noise Reduction Filter
logo
ACCUTEK MICROCIRCUIT CO...
AK481024S ACCUTEK-AK481024S_09 Datasheet
80Kb / 2P
   Dynamic Random Access Memory
AK584096AS ACCUTEK-AK584096AS_09 Datasheet
80Kb / 2P
   Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS_09 Datasheet
88Kb / 2P
   Dynamic Random Access Memory
AK594096AS ACCUTEK-AK594096AS_09 Datasheet
83Kb / 2P
   Dynamic Random Access Memory
AK5321024N ACCUTEK-AK5321024N_09 Datasheet
143Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com