Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDM4952 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

No. de pieza SDM4952
Descripción Electrónicos  Dual P -Channel E nhancement Mode F ield E ffect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM4952 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SDM4952 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM4952 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM4952 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM4952 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM4952 Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
S DM4952
INVE R TE D
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R thJA (t)=r (t) * R thJA
2. R thJA=S ee Datasheet
3. T JM-T A = P DM* R thJA (t)
4. Duty C ycle, D=t1/t2
-VDD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L


Número de pieza similar - SDM4952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
SDM4953 VBSEMI-SDM4953 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
SDM4953A VBSEMI-SDM4953A Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - SDM4952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
SDT452 SAMHOP-SDT452 Datasheet
397Kb / 5P
   P -Channel E nhancement Mode F ield E ffect Transistor
SDM9926A SAMHOP-SDM9926A Datasheet
351Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STS8215 SAMHOP-STS8215 Datasheet
133Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
SDG8204 SAMHOP-SDG8204 Datasheet
368Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com