Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS82140SILT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS82140SILT
Descripción Electrónicos  17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82140SILT Datasheet(HTML) 1 Page - Texas Instruments

  TPS82140SILT Datasheet HTML 1Page - Texas Instruments TPS82140SILT Datasheet HTML 2Page - Texas Instruments TPS82140SILT Datasheet HTML 3Page - Texas Instruments TPS82140SILT Datasheet HTML 4Page - Texas Instruments TPS82140SILT Datasheet HTML 5Page - Texas Instruments TPS82140SILT Datasheet HTML 6Page - Texas Instruments TPS82140SILT Datasheet HTML 7Page - Texas Instruments TPS82140SILT Datasheet HTML 8Page - Texas Instruments TPS82140SILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Load (A)
50
60
70
80
90
100
1m
10m
100m
1
5
D017
VOUT = 1.0 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
TPS82140
12V
R1
124k
R2
100k
V
IN
POWER GOOD
VIN
EN
C2
22µF
R3
100k
V
OUT
1.8V/2A
C1
10µF
SS/TR
GND
PG
FB
VOUT
C3
3.3nF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS82140
SLVSDN3 – JUNE 2017
TPS82140 17-V Input 2-A Step-Down Converter MicroSiP™ Module with Integrated
Inductor
1
1 Features
1
3.0-mm x 2.8-mm x 1.5-mm MicroSiP™ Package
3.0-V to 17-V Input Range
2-A Continuous Output Current
DCS-Control™ Topology
Power Save Mode for Light Load Efficiency
20-µA Operating Quiescent Current
0.9-V to 6-V Adjustable Output Voltage
100% Duty Cycle for Lowest Dropout
Power Good Output
Programmable Soft Startup with Tracking
Thermal Shutdown Protection
Pin to Pin compatible with TPS82130 and
TPS82150
–40°C to 125°C Operating Temperature Range
Create a Custom Design using the TPS82140 with
the WEBENCH® Power Designer
2 Applications
Industrial Applications
Telecom and Networking Applications
Solid State Drives
Inverting Power Supply
space
space
3 Description
The TPS82140 is a 17-V input 2-A step-down
converter MicroSiP™ power module optimized for
small solution size and high efficiency. The module
integrates a synchronous step-down converter and an
inductor
to
simplify
design,
reduce
external
components and save PCB area. The low profile and
compact solution is suitable for automated assembly
by standard surface mount equipment.
To maximize efficiency, the converter operates in
PWM mode with a nominal switching frequency of
2.0MHz and automatically enters Power Save Mode
operation at light load currents. In Power Save Mode,
the device operates with typically 20-µA quiescent
current. Using the DCS-Control™ topology, the
device achieves excellent load transient performance
and accurate output voltage regulation.
space
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS82140SIL
µSiL (8)
3.0 mm x 2.8 mm x 1.5 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
spacespace
Efficiency vs Output Current, VIN=12V
space


Número de pieza similar - TPS82140SILT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILR TI1-TPS82130SILR Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILT TI1-TPS82130SILT Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150SIL TI1-TPS82150SIL Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results

Descripción similar - TPS82140SILT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com