Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CA13628 Datasheet(PDF) 1 Page - Cree, Inc

No. de Pieza. CA13628
Descripción  Laura series
Descarga  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo 

CA13628 Datasheet(HTML) 1 Page - Cree, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCT DATASHEET
Laura series
last update 21/4/2016
DETAILS
Product Number
CA13628_G2-LAURA-RS-P
Family
Laura
Type
Assembly
Color
white
Diameter
21,6 x 21,6 mm
Height
13,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Comliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
8 deg
Real spot
93 %
33.200
-
XP-L
16 deg
Real spot
90 %
10.320
-
XP-E2
8 deg
Real spot
91 %
41.400
-
XB-H
11 deg
Real spot
91 %
20.500
-
XHP35 HI
sim: 12
Real spot
sim: 94 % sim: 16.100 -
LUXEON TX
11 deg
Real spot
90 %
20.000
-
LUXEON 3030 2D
9 deg
Real spot
92 %
22.700
-
NVSxx19A
12 deg
Real spot
90 %
17.800
-
NCSxx19A
10 deg
Real spot
90 %
25.300
-
NVSxx19B/NVSxx19C
12 deg
Real spot
90 %
16.300
-
NVSxE21A
sim: 10
Real spot
sim: 94 % sim: 21.140 -
SFH 4770S
sim: 10
Real spot
sim: 94 % -
-
Oslon Black Flat
sim: 6,8
Real spot
sim: 94 % sim: 48.300 -
Oslon Black
sim: 9,5
Real spot
sim: 97 % sim: 23.000 -
LH351Z
sim: 10
Real spot
sim: 93 % sim: 25.000 -
Z5M1/Z5M2
11 deg
Real spot
91 %
20.000
-
June 9th 2017 4:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn