Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AVC2T45DCUT Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74AVC2T45DCUT Datasheet(HTML) 1 Page - Texas Instruments |
1 / 21 page www.ti.com FEATURES DCT OR DCU PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 VCCA A1 A2 GND VCCB B1 B2 DIR 4 3 2 1 5 6 7 8 GND A2 A1 VCCA DIR B2 B1 VCCB YEP OR YZP PACKAGE (BOTTOM VIEW) DESCRIPTION/ORDERING INFORMATION SN74AVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES531F – DECEMBER 2003 – REVISED MAY 2005 • Max Data Rates • Available in the Texas Instruments – 500 Mbps (1.8-V to 3.3-V Translation) NanoStar™ and NanoFree™ Packages – 320 Mbps (<1.8-V to 3.3-V Translation) • Control Inputs VIH/VIL Levels Are Referenced – 320 Mbps (Translate to 2.5 V or 1.8 V) to VCCA Voltage – 180 Mbps (Translate to 1.5 V) • Fully Configurable Dual-Rail Design Allows – 240 Mbps (Translate to 1.2 V) Each Port to Operate Over the Full 1.2-V to • Latch-Up Performance Exceeds 100 mA Per 3.6-V Power-Supply Range JESD 78, Class II • I/Os Are 4.6-V Tolerant • ESD Protection Exceeds JESD 22 • Ioff Supports Partial-Power-Down Mode – 2000-V Human-Body Model (A114-A) Operation – 200-V Machine Model (A115-A) BBBB BBBB – 1000-V Charged-Device Model (C101) BBBB This dual-bit noninverting bus transceiver uses two separate configurable power-supply rails. The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB accepts any supply voltage from 1.2 V to 3.6 V. This allows for universal low-voltage bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes. The SN74AVC2T45 is designed for asynchronous communication between data buses. The device transmits data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The SN74AVC2T45 is designed so that the DIR input is powered by VCCA. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) NanoStar™ – WCSP (DSBGA) SN74AVC2T45YEPR 0.23-mm Large Bump – YEP Tape and reel _ _ _TD_ NanoFree™ – WCSP (DSBGA) SN74AVC2T45YZPR –40 °C to 85°C 0.23-mm Large Bump – YZP (Pb-free) SSOP – DCT Tape and reel SN74AVC2T45DCTR DT2_ _ _ VSSOP – DCU Tape and reel SN74AVC2T45DCUR DT2_ (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site. DCU: The actual top-side marking has one additional character that designates the assembly/test site. YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, ⋅ = Pb-free). Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. NanoStar, NanoFree are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74AVC2T45DCUT |
|
Descripción similar - SN74AVC2T45DCUT |