Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST485EXDR Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza ST485EXDR
Descripción Electrónicos  짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST485EXDR Datasheet HTML 5Page - STMicroelectronics ST485EXDR Datasheet HTML 6Page - STMicroelectronics ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics ST485EXDR Datasheet HTML 10Page - STMicroelectronics ST485EXDR Datasheet HTML 11Page - STMicroelectronics ST485EXDR Datasheet HTML 12Page - STMicroelectronics ST485EXDR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ST485E
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F


Número de pieza similar - ST485EXDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results

Descripción similar - ST485EXDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com