Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-U10-C038-XXXX Datasheet(PDF) 1 Page - Amphenol Corporation

No. de pieza P-U10-C038-XXXX
Descripción Electrónicos  d-sub technical data
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U10-C038-XXXX Datasheet(HTML) 1 Page - Amphenol Corporation

  P-U10-C038-XXXX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.00
RECOMMENDED PICK UP AREA
2.70
2.35
5.55
1.30±0.05
13.45 MIN
(COMPONENT KEEP OUT)
0.60
0.15
5.55
16.20 MIN
(COMPONENT KEEP OUT)
15.30 MIN
(PLUG)
6.60
15.80
12.70
9.90
2.2mm LONG
MICROINCHES MINIMUM OF MATTE TIN ON SOLDER
1.5mm LONG
15 MICROINCHES OF GOLD ON MATING END WITH 100
3.0mm LONG
U10 - C038 -
30 MICROINCHES OF GOLD ON MATING END WITH 100
X
UNDERPLATE ALL OVER
4.2mm LONG
X
TERMINATION. 50-75 MICROINCHES OF NICKEL
X X
=
PACKAGING
NO RESONANCE DAMPING WITH TAPE &REEL
=
PARKAGING
UNDERPLATE ALL OVER
TERMINATION. 50-75 MICROINCHES OF NICKEL
=
MICROINCHES MINIMUM OF MATTE TIN ON SOLDER
5
3
=
2
CONTACT PLATING OPTION
=
6
OPTIONS
0T =
1T=
LATCH PIN OPTION
0 =
4
STANDARD CONSTRUCTION WITH TAPE & REEL
NOTES:
1) MATERIAL:
HOUSING: SOLDER REFLOW PROCESS COMPATIBLE LCP, UL94V-0
CONTACTS: HIGH PERFORMANCE COPPER ALLOY
LATCH: PHOSPHOR BRONZE
RESONANCE DAMPENING FEATURE: SEMI-CONDUCTIVE POLYMER
2)RoHS COMPLIANT
#1(A1)
#19(A19)
L
#20(B19)
#38(B1)
A
A
B
B
TRACE KEEP OUT AREA
0.05
0.05 L A B
0.08 M A B
5.70
0.66 TYP. (PTH)
5.15
0.675 TYP
0.35±0.03
1.30 ±0.05(NPTH)
3.00
1.30±0.03
1.78
12.45
2.15
1.00
9.10
0.85
2.6
X (SEE PART NUMBER
LATCH PIN OPTION)
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
03554
UPDATE DESCRIPTION
M
NOV27/13
M
SCALE:
REV
DWG. NO.
6
3 DECIMAL PLACES
A Division of Amphenol Corp. www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol High Speed Interconnects
JS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING
C.MICHLIK
P-U10-C038-XXXX
DWG SIZE:
ULTRAPORT SLIMSAS™ 4X24 R/A
APR06/16
RECEPTACLE WITH LATCH
DRAWING
NOV27/13
PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
SEP19/14
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
ANGLE
THIRD
BA P
1
ANGULAR DEGREES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
1
UNLESS SPECIFIED OTHERWISE
5:1
ECN TBD
0.25
0.35
0.15
2
C.MICHLIK
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
SHEET
1 OF


Número de pieza similar - P-U10-C038-XXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
P-U10-A074-XXXX AMPHENOL-P-U10-A074-XXXX Datasheet
157Kb / 1P
   d-sub technical data
P-U10-B074-XXXX AMPHENOL-P-U10-B074-XXXX Datasheet
96Kb / 1P
   d-sub technical data
P-U10-D038-XXXX AMPHENOL-P-U10-D038-XXXX Datasheet
85Kb / 1P
   d-sub technical data
More results

Descripción similar - P-U10-C038-XXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com