Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS1812GFX7R9BN103 Datasheet(PDF) 7 Page - YAGEO Corporation |
|
CS1812GFX7R9BN103 Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 19 page 7 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 Table 5 NPO / 1206 to 1210 CAPACITANCE RANGE & THICKNESS CAP. 1206 1210 50V 100V 250V 500V 630V 1000V 2000V 50V 100V 250V 500V 630V 1000V 2000V 120 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 150 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 180 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 220 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 270 pF FA FA FA FA FD FD GC GC GC GC GC GC 330 pF FA FA FA FA FD FD GC GC GC GC GC GC 390 pF FA FA FA FA FD FD GC GC GC GC GC GC 470 pF FA FA FA FA FD FD GC GC GC GC GC GC 560 pF FA FA FA FA FD FD GC GC GC GC GC GC 680 pF FA FA FA FA FD FD GC GC GC GC GC GC 820 pF FA FA FB FB FD FD GC GC GC GC GC GC 1.0 nF FA FA FB FB FD FD GC GC GC GC GC GC 1.2 nF FA FA FB FB FD GC GC GC GC 1.5 nF FA FA FB FB FD GC GC GC GC 1.8 nF FA FA FD FD GC GC GC GC 2.2 nF FA FA FD FD GC GC GC GC 2.7 nF FA FA FD GC GC GC GC 3.3 nF FB FB FD GC GC GC GC 3.9 nF FB FB FD GC GC GC GC 4.7 nF FB FB GC GC GC GC 5.6 nF FB FB GC GC 6.8 nF FB FB GC GC 8.2 nF FD FD GC GC 10 nF FD FD GC GC Tape width 8 mm |
Número de pieza similar - CS1812GFX7R9BN103 |
|
Descripción similar - CS1812GFX7R9BN103 |