Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2226 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2226
Descripción Electrónicos  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2226 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2226 Datasheet HTML 4Page - Texas Instruments TPS2226 Datasheet HTML 5Page - Texas Instruments TPS2226 Datasheet HTML 6Page - Texas Instruments TPS2226 Datasheet HTML 7Page - Texas Instruments TPS2226 Datasheet HTML 8Page - Texas Instruments TPS2226 Datasheet HTML 9Page - Texas Instruments TPS2226 Datasheet HTML 10Page - Texas Instruments TPS2226 Datasheet HTML 11Page - Texas Instruments TPS2226 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVPP)
Propagation Delay (xVPP)
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVCC)
Propagation Delay (xVCC)
10%
90%
tr
GND
VO(xVPP)
Rise/Fall Time (xVPP)
tf
10%
90%
tr
GND
VO(xVCC)
Rise/Fall Time (xVCC)
tf
50%
VDD
GND
10%
90%
ton
GND
VO(xVCC)
Turn On/Off Time (xVCC)
xVPP
VOLTAGE WAVEFORMS
LOAD CIRCUIT (xVPP)
IO(xVPP)
xVCC
50%
LATCH
VDD
GND
10%
90%
ton
GND
VO(xVPP)
Turn On/Off Time (xVPP)
IO(xVCC)
tpd(off)
tpd(off)
toff
toff
LOAD CIRCUIT (xVCC)
VI(12V/5V/3.3V)
VI(5V/3.3V)
VI(12V/5V/3.3V)
VI(5V/3.3V)
VI(12V/5V/3.3V)
VI(5V/3.3V)
LATCH
Figure 1. Test Circuits and Voltage Waveforms


Número de pieza similar - TPS2226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2226 TI-TPS2226 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226 TI-TPS2226 Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2226 TI1-TPS2226 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2226 TI1-TPS2226 Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2226A TI-TPS2226A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com