Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P-MRJ-5CXX-X1 Datasheet(PDF) 1 Page - Amphenol Corporation

No. de pieza P-MRJ-5CXX-X1
Descripción Electrónicos  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MRJ-5CXX-X1 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-MRJ-5CXX-X1 Datasheet HTML 1Page - Amphenol Corporation P-MRJ-5CXX-X1 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.
CONTACT RESISTANCE: 50 MILLIOHMS.
ON PCB WITH HOLES FOR
AVAILABLE MATING AREA COVERS PROVIDE ADDED PROTECTION. CONSULT WITH
6.
SERIES, RUGGED RJ
WIRING
4.
8= 8 CONTACTS
RECEPTACLE, RIGHT ANGLE,
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL BETWEEN
MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES SEAL TO
OPERATING TEMPERATURE: -40C TO +105C.
INSIDE FACE OF PANEL.
A=10 CONTACTS
5.
PCB - FR-4 FIBERGLASS, LEAD FREE
SINGLE PORT
POLYCARBONATE MATERIAL.
MOUNTING HOLE THREAD
NUMBER OF CONTACTS
X
AMPHENOL CANADA FOR DETAILS.
CUSTOMER TO VERIFY THAT ALL PROCESS CLEANERS ARE COMPATIBLE WITH
7.
M= M3 x 0.5 THREAD
0= #4-40 UNC THREAD
1
CURRENT RATING: 1.5 AMPERES.
3.
OPTION
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND
AMENDMENTS
SHELL - DIECAST ZINC, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE WITH 50 MICROINCHES (1.27 MICRONS)
GOLD OVER 50 MICROINCHES (1.27 MICRONS) MINIMUM NICKEL ON THE
MATING AREA AND MATTE TIN OVER NICKEL ON THE CONTACT TAILS.
INSERTS - ENGINEERING THERMOPLASTIC, UL FLAMMABILITY RATING 94V-0,
REAR INSERTS: BLACK NYLON, FRONT INSERT: CLEAR POLYCARBONATE
LED’S - EPOXY LENS, STEEL TAILS WITH TIN PLATING
GASKET - SILICONE RUBBER
ORDERING CODE: M R J - 5 C X X -
LED OPTION
0=NONE
1=GREEN LEFT, YELLOW RIGHT
4=YELLOW LEFT, GREEN RIGHT
5=GREEN LEFT, GREEN RIGHT
1
PROPOSAL DRAWING (EAR 14296)
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
AUG27/09
UNLESS SPECIFIED OTHERWISE
REFERENCE IN PARENTHESES
SECONDARY
SCALE
ANGLE
2
C
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REF.
THIRD
OF
REV
MRJ SERIES RUGGED MODULAR JACK,
2
03554
SHEET
OPTIONS, RoHS COMPLIANT
A.CHAN
B
PROPOSAL DRAWING (EAR 13586)
AUG27/09
3 DECIMAL PLACES
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
8 & 10 POSITION, RIGHT ANGLE, ON PCB
DRAWING
K.LAMBIE
C
AUG27/09
JUL24/14
3:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
1
K.L.
DWG SIZE:
WITH HOLES FOR WIRING, LED & THREAD
ENG. REL. NO.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
PRIMARY UNITS
P-MRJ-5CXX-X1
DO NOT
PROJECTION
ANGULAR DEGREES
0.15
MILLIMETERS
INCHES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
K.L.
5.50 [.217] DEEP THREADED
CODE
HOLES SEE ORDERING CODE
THREAD OPTION
LEFT LED
SEE ORDERING
RIGHT LED
24.00
.945
.354
9.00
.177
4.50
18.00
.709
DATE CODE
INK MARKING
16.70
1.57
.062
8.90
.350
2.50
.098
±.020
REF.
±0.50
47.21
.049
±.016
1.859
.657
±0.40
1.24
14.00
.551
8.50
.335
3.25
±.039
1.193
FOR TIE WRAP USE
.128
19.05
2 PLCS, FOR UP
18 AWG WIRE
.062
1.57
.630
16.00
1.508
±1.00
38.31
±.020
.750
±0.50
MAY BE SUITABLE
30.30
0.95
(14 PLCS) FOR UP TO
22 AWG WIRE
.037
RECEPTACLE
DIE CAST SHELL
GASKET
8 OR 10 POSITION
PCB


Número de pieza similar - P-MRJ-5CXX-X1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
P-MRJ-518X-X1 AMPHENOL-P-MRJ-518X-X1 Datasheet
76Kb / 2P
   d-sub technical data
P-MRJ-518X-XB AMPHENOL-P-MRJ-518X-XB Datasheet
75Kb / 2P
   d-sub technical data
P-MRJ-518X-XF AMPHENOL-P-MRJ-518X-XF Datasheet
100Kb / 2P
   d-sub technical data
P-MRJ-53XX-X1 AMPHENOL-P-MRJ-53XX-X1 Datasheet
97Kb / 2P
   MRJ SERIES RUGGED MODULAR JACK, 8 & 10 POSITION RIGHT ANGLE WITH LED, TAIL LENGTH & THREAD OPTIONS, RoHS COMPLIANT
P-MRJ-548X-X1 AMPHENOL-P-MRJ-548X-X1 Datasheet
70Kb / 2P
   d-sub technical data
More results

Descripción similar - P-MRJ-5CXX-X1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com