Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS1812MKX7RDBN103 Datasheet(PDF) 18 Page - YAGEO Corporation

No. de Pieza. CS1812MKX7RDBN103
Descripción  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  YAGEO [YAGEO Corporation]
Página de inicio  http://www.yageo.com
Logo 

CS1812MKX7RDBN103 Datasheet(HTML) 18 Page - YAGEO Corporation

 
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Endurance
IEC 60384-
21/22
4.14
1. Preconditioning, class II only: 150 +0/-10 °C /1
hour, then keep for 24 ± 1 hour at room temp
2. Initial measure: Spec: refer initial spec C, D, I.R.
3. Endurance test: Temperature: NP0/X7R: 125 °C
Specified stress voltage applied for 1,000 hours:
4. High voltage series follows with below
stress condition:
Voltage
NPO
X7R
≤ 100V
2.0 x Ur
2.0 x Ur
200/250V
1.5 x Ur
1.5 x Ur
500/630V
1.3 x Ur
1.2 x Ur
≥ 1KV
1.2 x Ur
1.1 x Ur
5. Recovery time: 24 ± 2 hours
6. Final measure: C, D, I.R.
P.S. If the capacitance value is less than the minimum
value permitted, then after the other measurements
have been made the capacitor shall be precondition
according to “IEC 60384 4.1” and then the
requirement shall be met.
No visual damage
ΔC/C
Class1:
NP0: within ± 2% or 1 pF, whichever is
greater
Class II:
X7R: ± 15%
D.F.
Class1:
NP0: ≤ 2 x specified value
Class II:
X7R: ≤ 2 x specified value
I.R.
Class1:
NP0: ≥ 4,000 MΩ or
R x C ≥ 40Ω.F whichever is less
Class II:
X7R: ≥ 1,000 MΩ or
R x C ≥ 50Ω.F whichever is less
* Apply 1.5 x Ur for below items
X7R/0805/4.7µF/16V ;
X7R/1206/10µF/16V to 25V ;
X7R/1210/2.2µF to 10µF/16V to 50V,
X7R/1210/2.2µF/100V ;
ΔC/C
± 20%
D.F.
≤ 2 specified value
I.R.
R C ≥ 10 Ω.F
Voltage Proof IEC 60384-1
4.6
Specified stress voltage applied for 1~5 seconds
Ur ≤ 100 V: series applied 2.5 Ur
100 V < Ur ≤ 200 V series applied (1.5 Ur + 100)
200 V < Ur ≤ 500 V series applied (1.3 Ur + 100)
Ur > 500 V: 1.3 Ur
Ur ≧ 1000 V: 1.2 Ur
Charge/Discharge current is less than 50 mA
No breakdown or flashover


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn