Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A276308 Datasheet(PDF) 6 Page - AMIC Technology

No. de pieza A276308
Descripción Electrónicos  64K X 8 OTP CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A276308 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A276308 Datasheet HTML 2Page - AMIC Technology A276308 Datasheet HTML 3Page - AMIC Technology A276308 Datasheet HTML 4Page - AMIC Technology A276308 Datasheet HTML 5Page - AMIC Technology A276308 Datasheet HTML 6Page - AMIC Technology A276308 Datasheet HTML 7Page - AMIC Technology A276308 Datasheet HTML 8Page - AMIC Technology A276308 Datasheet HTML 9Page - AMIC Technology A276308 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
A276308
PRELIMINARY
(December, 1998, Version 0.1)
5
AMIC Technology, Inc.
Read Mode AC Characteristics (Ta = 0
°C to 70°C, VCC = 5V ± 10%, VPP = VCC)
Symbol
Parameter
55ns
70ns
90ns
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tCYC
Cycle Time
55
70
90
ns
tAA
Address Access Time
55
70
90
ns
tCE
Chip Enable Access Time
55
70
90
ns
tOE
Output Enable Access Time
30
35
40
ns
tOH
Output Hold after Address, CE or
OE
, whichever Occurred First
0
0
0
ns
tHZ
Output High Z Delay
20
20
25
ns
Read Mode Switching Waveforms
tOH
tHZ
High-Z
tAA
tOE
tCE
Valid
Output
Address Valid
ADDRESS
CE
OE / VPP
OUTPUT
tCYC


Número de pieza similar - A276308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
DB Lectro Inc
DB Lectro Inc
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
   SCSI - III D - SUB IDC (FEMALE)
Tyco Electronics
Tyco Electronics
A27 MACOM-A27 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
List of Unclassifed Manufacturers
List of Unclassifed Man...
A27 ETC2-A27 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
627Kb / 3P
   Cascadable Amplifier 10 to 1500 MHz
More results

Descripción similar - A276308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
ATMEL Corporation
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
ATMEL Corporation
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
Maxwell Technologies
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
AMIC Technology
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
Microchip Technology
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
AMIC Technology
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
Microchip Technology
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz