Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDZ191P Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDZ191P
Descripción Electrónicos  P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ191P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDZ191P Datasheet HTML 1Page - Fairchild Semiconductor FDZ191P Datasheet HTML 2Page - Fairchild Semiconductor FDZ191P Datasheet HTML 3Page - Fairchild Semiconductor FDZ191P Datasheet HTML 4Page - Fairchild Semiconductor FDZ191P Datasheet HTML 5Page - Fairchild Semiconductor FDZ191P Datasheet HTML 6Page - Fairchild Semiconductor FDZ191P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDZ191P Rev.F (W)
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
10
12
14
16
VGS = -3.5V
VGS = -4.5V
PULSE DURATION = 300µs
DUTY CYCLE = 2.0%MAX
VGS = -2.5V
VGS = -1.5V
VGS = -2.0V
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure2.
02
46
8
10
12
14
16
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGS = -4.5V
PULSE DURATION = 300µs
DUTY CYCLE = 2.0%MAX
-ID, DRAIN CURRENT(A)
VGS = -2.5V
VGS = -2.0V
VGS = -1.5V
VGS = -3.5V
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ID = -1A
VGS = -4.5V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
12
345
40
80
120
160
200
240
PULSE DURATION = 300µs
DUTY CYCLE = 2.0%MAX
TJ = 125oC
TJ = 25oC
ID = - 0.5A
-VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.51.01.52.02.5
0
3
6
9
12
15
PULSE DURATION = 300µs
DUTY CYCLE = 2.0%MAX
TJ = -55oC
TJ = 25oC
TJ = 125oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.00.20.40.6
0.81.01.21.4
1E-4
1E-3
0.01
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
60
Source to Drain Diode
Forward Voltage vs Source Current


Número de pieza similar - FDZ191P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
More results

Descripción similar - FDZ191P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDN360P FAIRCHILD-FDN360P Datasheet
231Kb / 8P
   Single P-Channel PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com