Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5010-40 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
CS5010-40 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 8 page Optimized for 7 TM PROGRAMMABLE LOGIC CORES For ASIC prototyping or for projects requiring the fast time-to-market of a programmable logic solution, Amphion programmable logic core offer the silicon-aware performance tuning found in all Amphion products, combined with the rapid design times offered by today’s leading programmable logic solutions. Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively Note: Speed grade = -3 Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively Table 3: CS5010-40 DES/3DES Programmable Logic Cores using Actel Axcelerator PRODUCT ID SILICON VENDOR DEVICE MAX. FREQUENCY (MHz) DATA RATE (MBits/Sec) UTILIZATION DEVICE UTIL AVAILABILITY DES 3DES R-CELLS C-CELLS CS5010RR Actel AX500 71 284 94 545 1151 22% Now CS5020RR Actel AX500 63 504 168 735 1715 31% Now CS5030RR Actel AX500 57 912 304 1213 3116 54% Now CS5040RR Actel AX1000 56 3584 1194 4162 7179 63% Now Table 4: CS5010-40 DES/3DES Programmable Logic Cores using Actel ProASICPlus PRODUCT ID SILICON VENDOR DEVICE MAX. FREQUENCY (MHz) DATA RATE (MBits/Sec) UTILIZATION (Tiles) DEVICE UTIL AVAILABILITY DES 3DES Combinatorial Sequential CS5010RQ Actel APA150 27 108 36 1923 510 40% Now CS5020RQ Actel APA150 27 216 72 2830 712 58% Now CS5030RQ Actel APA300 21 336 112 5253 1192 79% Now CS5040RQ Actel APA600 26 1664 554 11331 3926 71% Now |
Número de pieza similar - CS5010-40 |
|
Descripción similar - CS5010-40 |