Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CX24142 Datasheet(PDF) 2 Page - Synaptics Incorporated. |
|
CX24142 Datasheet(HTML) 2 Page - Synaptics Incorporated. |
2 / 2 page © 2003, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. THIS MATERIAL IS PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON INFRINGEMENT. Conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. 03 0882 Set-top Box Solutions Satellite CX24142/3/6/7 Features • MPEG-2 MP@ML video decoder supporting NTSC and PAL CCIR601 image resolution • MPEG-1/MPEG-2 and Dolby Digital (AC-3) audio decoder • MPEG-2/DVB transport stream demultiplexing • Integrated 1-45 Msym/sec QPSK/BPSK demodulator/FEC with DiSEqC 2.x signaling support (CX24142/3 only) • 32-bit 146 MIPS ARM920 CPU with 16KB I & D caches • Dual-slot Common Interface support (CX24142/6 only) • Dual SmartCard interface for flexible CAS support • 16-bit unified memory controller architecture • Integrated NTSC/PAL/SECAM TV encoder supporting simultaneous CVBS, Y/C & RGB/YPrPb analog video output signals • High-performance 2D graphics rendering acceleration • Multiplane video/graphics compositing and display engine • Integrated DVB common descrambler & DES ECB descrambler • Optional NDS Videoguard conditional access hardware support • Flicker filtering, aspect ratio conversion and hardware cursor • 4/8-bit per pixel palletized AYCrCb/YCrCb graphics www.conexant.com General Information: U.S. and Canada: (800) 854-8099 International: (949) 483-6996 Headquarters – Newport Beach 4311 Jamboree Rd, P.O. Box C Newport Beach, CA 92660-3095 Order# 102214A Part Number QPSK Demod VDACs DRAM DVB-CI CX24142 Yes 6 16-bit Yes CX24143 Yes 6 16-bit No CX24146 No 6 16-bit Yes CX24147 No 6 16-bit No The CX24142/3/6/7 IC family includes four part numbers defined by different functionality combinations. m = License based feature (0 thru 4) n = die revision (e.g. n=1 for die rev A, 2 for die rev B etc.) License-based feature configurations are identified using a part number suffix or dash number. CX24142/3/6/7-mn ”-1n” ”-2n” ”-3n” ”-4n” Macrovision Dolby Digital |
Número de pieza similar - CX24142 |
|
Descripción similar - CX24142 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |