Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9444F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC9444F
Descripción Electrónicos  Single-Chip karaoke IC II
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9444F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9444F Datasheet HTML 1Page - Toshiba Semiconductor TC9444F Datasheet HTML 2Page - Toshiba Semiconductor TC9444F Datasheet HTML 3Page - Toshiba Semiconductor TC9444F Datasheet HTML 4Page - Toshiba Semiconductor TC9444F Datasheet HTML 5Page - Toshiba Semiconductor TC9444F Datasheet HTML 6Page - Toshiba Semiconductor TC9444F Datasheet HTML 7Page - Toshiba Semiconductor TC9444F Datasheet HTML 8Page - Toshiba Semiconductor TC9444F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC9444F
2002-01-11
4
Pin No.
Pin Name
I/O
Function
Remarks
44
BCKI
I
Bit clock input
Schmitt input
45
LRCKI
I
Channel clock input
Schmitt input
46
VDD2
¾
Digital power supply 2
47
RESET
I (U)
Reset (“L”
= reset)
With pull-up resistor
Schmitt input
48
IFSEL
I
Microcontroller interface selection
(“H”
= three-lead mode, “L” = I2C mode)
Schmitt input
49
CS
I
Three-lead mode: Command send start signal
I
2
C: chip select
Schmitt input
50
SCL
I
Microcontroller interface serial clock
Schmitt input
51
SDA
O
Microcontroller interface serial data
Schmitt input
52
EMP
¾
De-emphasis setting (“H”
= ON)
Schmitt input
53
TEST
I (U)
Test mode setting (“H”
= fixed)
With pull-up resistor
Schmitt input
54
GNDD2
I
Digital ground 2
55
EXT7
O
Extended output port 7
56
EXT8
O
Extended output port 8
57
EXT9
O
Extended output port 9
58
EXTA
O
Extended output port A
59
EXTB
O
Extended output port B
60
EXTC
O
Extended output port C


Número de pieza similar - TC9444F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
More results

Descripción similar - TC9444F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
   Single Chip Karaoke Processor
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
   SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
logo
Sony Corporation
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
Hitachi Semiconductor
ECN3053F HITACHI-ECN3053F Datasheet
51Kb / 5P
   Single chip driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com