Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM336 Datasheet(PDF) 8 Page - Synaptics Incorporated.

No. de pieza FM336
Descripción Electrónicos  High Performance Fax Modem Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONEXANT [Synaptics Incorporated.]
Página de inicio  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

FM336 Datasheet(HTML) 8 Page - Synaptics Incorporated.

Back Button FM336 Datasheet HTML 4Page - Synaptics Incorporated. FM336 Datasheet HTML 5Page - Synaptics Incorporated. FM336 Datasheet HTML 6Page - Synaptics Incorporated. FM336 Datasheet HTML 7Page - Synaptics Incorporated. FM336 Datasheet HTML 8Page - Synaptics Incorporated. FM336 Datasheet HTML 9Page - Synaptics Incorporated. FM336 Datasheet HTML 10Page - Synaptics Incorporated. FM336 Datasheet HTML 11Page - Synaptics Incorporated. FM336 Datasheet HTML 12Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM336Plus
V.34/Group 3 High Performance Fax Modem Family
8
Conexant
101361A
V.24
Interface
Host
Processor
FM336Plus
Modem Family
Crystal
Power Supply
Speaker
Amplifier
Optional
Eye Pattern
Generator
Line
Interface
/RTS
TXD
/CTS
TDCLK
XTCLK
/RLSD
RXD
/RDCLK
/DTR
/RI*
/DSR**
/RD
/CS
/WR
D7:0
RS4:0
IRQ
/RESET
TXRQ*
RXRQ**
XTL0
XTLI
TXA1
RIN
OH
TXA2
/TALK
RINGD
EYEXY
EYESYNC
EYECLK
+5V
AGND
DGND
SPKR
* Selectable; TXRQ output replaces /RI output.
** Selectable; RXRQ output replaces /DSR output.
TIP
RING
telephone
line
+3.3V
Oscillator
CLKIN
OR
Figure 1. Functional Interface Signals


Número de pieza similar - FM336

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
FM330 RECTRON-FM330 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM330 FORMOSA-FM330 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM330 WINNERJOIN-FM330 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM330-A FORMOSA-FM330-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM330-A FORMOSA-FM330-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Descripción similar - FM336

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
   HIGH SPEED Modem and FAX FAMILY
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
   RJ11 Fax/Modem (FXO)
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
logo
List of Unclassifed Man...
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
logo
Toshiba Semiconductor
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com