Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM1 Datasheet(PDF) 6 Page - Pulse A Technitrol Company |
|
SM1 Datasheet(HTML) 6 Page - Pulse A Technitrol Company |
6 / 8 page G008.A (2/00) 6 .018 TYP 0,46 23Z247SMD Date Code Country of Origin .300 7,62 .200 5,08 .265 6,73 .020 TYP 0,51 .210 5,33 .030 0,76 .260 6,60 .400 10,16 .100 TYP 2,54 .080 2,03 .200 5,08 SUGGESTED PAD LAYOUT .360 9,14 0°-8° .100 TYP 2,54 .005/.010 0,13/0,25 .340 8,64 .285 7,24 .100 2,54 PE-XXXXX DATE CODE COUNTRY OF ORIGIN .005/0,13 6 Surfaces MAX .200 5,08 .098 2,50 MAX 6 5 1 2 .260 6,60 MAX SUGGESTED PAD LAYOUT .050 1,27 .285 7,24 .060 1,52 .100 2,54 .200 5,08 43 GENERAL PURPOSE TRANSFORMERS RF Pulse Mechanicals PE-65457 PE-65459 Weight ................... 0.2 grams ........ 0.1 grams Tube ........................... 60/tube ............ 60/tube Tape & Reel ............ 1500/reel ......... 1500/reel Dimensions: inches mm Unless otherwise specified, all tolerances are ± .010 0,25 Dimensions: inches mm Unless otherwise specified, all tolerances are ± .005 0,13 Dimensions: inches mm Unless otherwise specified, all tolerances are ± .010 0,25 .275 MAX 6,99 1 2 3 6 54 .300 MAX 7,62 .245 MAX 6,22 .130 3,30 .100 2,54 .200 5,08 .300 MIN 7,62 .350 MAX 8,89 PE-XXXXX DATE CODE COUNTRY OF ORIGIN TH10 Weight ................... 0.5 grams Tube ........................... 76/tube Tape & Reel .............. 750/reel Weight ................... 0.6 grams Tube ........................... 65/tube SMT 1 SMT 2 U.S: 858 674 8100 • U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 •• http://www.pulseeng.com |
Número de pieza similar - SM1 |
|
Descripción similar - SM1 |