Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7185 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADV7185
Descripción Electrónicos  Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7185 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7185 Datasheet HTML 4Page - Analog Devices ADV7185 Datasheet HTML 5Page - Analog Devices ADV7185 Datasheet HTML 6Page - Analog Devices ADV7185 Datasheet HTML 7Page - Analog Devices ADV7185 Datasheet HTML 8Page - Analog Devices ADV7185 Datasheet HTML 9Page - Analog Devices ADV7185 Datasheet HTML 10Page - Analog Devices ADV7185 Datasheet HTML 11Page - Analog Devices ADV7185 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
REV. 0
–8–
ADV7185
PIN FUNCTION DESCRIPTIONS (continued)
Pin
Mnemonic
Input/Output
Function
39, 40, 47, 53,
AVSS
G
Ground for Analog Supply
56, 63
41, 43, 45, 57,
AVSS1–AVSS6
G
Analog Input Channels. Ground if single-ended mode is selected. These pins
59, 61
should be connected directly to REFOUT when differential mode is selected.
42, 44, 46, 58,
AIN1–AIN6
I
Video Analog Input Channels
60, 62
48, 49
CAPY1–CAPY2
I
ADC Capacitor Network
50
AVDD
P
Analog Supply Voltage (5 V)
51
REFOUT
O
Internal Voltage Reference Output
52
CML
O
Common-Mode Level for ADC
54, 55
CAPC1–CAPC2
I
ADC Capacitor Network
64
RESET
I
System Reset Input. Active Low
65
ISO
I
Input Switch Over. A low to high transition on this input indicates to the
decoder core that the input video source has been changed externally and
configures the decoder to reacquire the new timing information of the new
source. This is useful in applications where external video muxes are used.
This input gives the advantage of faster locking to the external muxed
video sources. A low to high transition triggers this input.
66
ALSB
I
TTL Address Input. Selects the MPU address:
MPU address = 88h ALSB = 0, disables I
2C filter
MPU address = 8Ah ALSB = 1, enables I
2C filter
67
SDATA
I/O
MPU Port Serial Data Input/Output
68
SCLOCK
I
MPU Port Serial Interface Clock Input
69
VREF/
VRESET
O
VREF or Vertical Reference Output Signal. Indicates start of next field.
VRESET or Vertical Reset Output is a signal that indicates the beginning
of a new field. In SCAPI/CAPI mode this signal is one clock wide and
active low relative to CLKIN. It immediately follows the
HRESET pixel,
and indicates that the next active pixel is the first active pixel of the next field.
70
HREF/
HRESET
O
HREF or Horizontal Reference Output Signal. A dual-function pin
(enabled when Line-Locked Interface is selected, OM_SEL[1:0] = 0,0),
this signal is used to indicate data on the YUV output. The positive slope
indicates the beginning of a new active line, HREF is always
720 Y samples long.
HRESET or Horizontal Reset Output (enabled when
SCAPI or CAPI is selected, OM_SEL[1:0] = 0, 1 or 1, 0) is a signal that
indicates the beginning of a new line of video. In SCAPI/CAPI this signal
is one clock cycle wide and is output relative to CLKIN. It immediately
follows the last active pixel of a line. The polarity is controlled via PHVR.
77
RD
I
Asynchronous FIFO Read Enable Signal. A logical high on this pin
enables a read from the output of the FIFO.
78
DV
O
DV or Data Valid Output Signal. In SCAPI/CAPI mode, DV performs
two functions, depending on whether SCAPI or CAPI is selected. It
toggles high when the FIFO has reached the AFF margin set by the user,
and remains high until the FIFO is empty. The alternative mode is where
it can be used to control FIFO reads for bursting information out of the
FIFO. In API mode DV indicates valid data in the FIFO, which includes
both pixel information and control codes. The polarity of this pin is con-
trolled via PDV.
79
OE
IOutput Enable Controls Pixel Port Outputs. A logic high will three-state
P19–P0.
80
FIELD
O
ODD/EVEN Field Output Signal. An active state indicates that an even field
is being digitized. The polarity of this signal is controlled by the PF bit.


Número de pieza similar - ADV7185

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCP32Z AD-ADV7180BCP32Z Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCP32Z-RL AD-ADV7180BCP32Z-RL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Descripción similar - ADV7185

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com