Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N137-X006 Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza 6N137-X006
Descripción Electrónicos  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X006 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 6N137-X006 Datasheet HTML 4Page - Vishay Siliconix 6N137-X006 Datasheet HTML 5Page - Vishay Siliconix 6N137-X006 Datasheet HTML 6Page - Vishay Siliconix 6N137-X006 Datasheet HTML 7Page - Vishay Siliconix 6N137-X006 Datasheet HTML 8Page - Vishay Siliconix 6N137-X006 Datasheet HTML 9Page - Vishay Siliconix 6N137-X006 Datasheet HTML 10Page - Vishay Siliconix 6N137-X006 Datasheet HTML 11Page - Vishay Siliconix 6N137-X006 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
8
Document Number 82584
Rev. 1.8, 13-Aug-04
6N137/ SFH6741 / 42 / 50 / 51 / 52
Vishay Semiconductors
Figure 8. Reverse Current vs. Ambient Temperature
Figure 9. Low Level Supply Current vs. Ambient Temperature
Figure 10. High Level Supply Current vs. Ambient Temperature
0
1
2
3
4
5
6
7
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( C )
17613-1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17614
VCC = 5 V
IF = 10 mA
VCC = 7 V
IF = 10 mA
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17615
VCC = 5 V
IF = 0.25 mA
VCC = 7 V
IF = 0.25 mA
Figure 11. Input Threshold ON Current vs. Ambient Temperature
Figure 12. Input Threshold OFF Current vs. Ambient Temperature
Figure 13. Low Level Output Voltage vs. Ambient Temperature
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17616
RL = 350
RL = 1 k
RL = 4 k
2.0
2.1
2.2
2.3
2.4
2.5
2.6
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17617
RL = 350
RL = 1 k
RL = 4 k
0.00
0.05
0.10
0.15
0.20
0.25
0.30
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17618
IL = 6 mA
IL = 10 mA
IL = 13 mA
IL = 16 mA
VCC = 5.5 V
IF = 5 mA


Número de pieza similar - 6N137-X006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N137-X006 VISHAY-6N137-X006 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137-X006 VISHAY-6N137-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X006 VISHAY-6N137-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
6N137-X006 VISHAY-6N137-X006 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Descripción similar - 6N137-X006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com