Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCRF355 Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza MCRF355
Descripción Electrónicos  13.56 MHz Passive RFID Device with Anti-Collision Feature
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF355 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCRF355 Datasheet HTML 4Page - Microchip Technology MCRF355 Datasheet HTML 5Page - Microchip Technology MCRF355 Datasheet HTML 6Page - Microchip Technology MCRF355 Datasheet HTML 7Page - Microchip Technology MCRF355 Datasheet HTML 8Page - Microchip Technology MCRF355 Datasheet HTML 9Page - Microchip Technology MCRF355 Datasheet HTML 10Page - Microchip Technology MCRF355 Datasheet HTML 11Page - Microchip Technology MCRF355 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MCRF355/360
DS21287F page 8
 2002 Microchip Technology Inc.
2.2
Controller Logic Section
2.2.1
CLOCK PULSE GENERATOR
This circuit generates a clock pulse (CLK). The clock
pulse is generated by an on-board time-base oscillator.
The clock pulse is used for baud rate timing, data
modulation rate, etc.
2.2.2
MODULATION LOGIC
This logic acts upon the serial data (154 bits) being
read from the memory array. The data is then encoded
into Manchester format. The encoded data is then fed
to the modulation transistor in the Analog Front-End
section. The Manchester code waveform is shown in
Figure 2-2.
2.2.3
SLEEP TIMER
This circuit generates a SLEEP time (100 ms ± 50%)
for the anti-collision feature. During this SLEEP time
(T
OFF), the modulation transistor remains in a turned-
on condition (cloaked) which detunes the LC resonant
circuit.
2.2.4
READ/WRITE LOGIC
This logic controls the reading and programming of the
memory array.
FIGURE 2-2:
CODE WAVEFORMS
Data
NRZ L
BIPHASE L
(Manchester)
SIGNAL
WAVEFORM
DESCRIPTION
Digital Data
Non Return to Zero
Level
“1” is represented by logic high level.
“0” is represented by logic low level.
Biphase
Level (Split Phase)
A level change occurs at middle of
every bit clock period.
“1” is represented by a high to low
level change at midclock.
“0” is represented by a low to high
level change at midclock.
CLK
Internal Clock Signal
(Reference only)
1
0
11
00
0
1
1
0
1
0
Note: The CLK and NRZ L signals are shown for reference only. BIPHASE L (Manchester) is the device output.


Número de pieza similar - MCRF355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M00A MICROCHIP-MCRF200I/1M00A Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M08D MICROCHIP-MCRF200I/1M08D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M14D MICROCHIP-MCRF200I/1M14D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1MQ23 MICROCHIP-MCRF200I/1MQ23 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
More results

Descripción similar - MCRF355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
   13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com