Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4050PWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4050PWT
Descripción Electrónicos  High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4050PWT Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4050PWT Datasheet HTML 1Page - Texas Instruments CD74HC4050PWT Datasheet HTML 2Page - Texas Instruments CD74HC4050PWT Datasheet HTML 3Page - Texas Instruments CD74HC4050PWT Datasheet HTML 4Page - Texas Instruments CD74HC4050PWT Datasheet HTML 5Page - Texas Instruments CD74HC4050PWT Datasheet HTML 6Page - Texas Instruments CD74HC4050PWT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS205I
Features
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• High-to-Low Voltage Level Converter for up to Vl = 16V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . –55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Pinout
CD54HC4049, CD54HC4050
(CERDIP)
CD74HC4049, CD74HC4050
(PDIP, SOIC, SOP, TSSOP)
TOP VIEW
Description
The ’HC4049 and ’HC4050 are fabricated with high-speed
silicon gate technology. They have a modified input
protection structure that enables these parts to be usedas
logic level translators which convert high-level logic to a low-
level logic while operating off the low-level logic supply. For
example, 15-V input pulse levels can be down-converted to
0-V to 5-V logic levels. The modified input protection
structure protects the input from negative electrostatic
discharge. These parts also can be used as simple buffers
or inverters without level translation. The ’HC4049 and
’HC4050 are enhanced versions of equivalent CMOS types.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
1Y
1A
2Y
2A
3Y
GND
3A
NC
6A
NC
5Y
5A
4Y
4A
6Y
4049
4050
4050
4049
VCC
1Y
1A
2Y
2A
3Y
GND
3A
NC
6A
NC
5Y
5A
4Y
4A
6Y
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4049F3A
–55 to 125
16 Ld CERDIP
CD54HC4050F3A
–55 to 125
16 Ld CERDIP
CD74HC4049E
–55 to 125
16 Ld PDIP
CD74HC4049M
–55 to 125
16 Ld SOIC
CD74HCT4050MT
–55 to 125
16 Ld SOIC
CD74HC4049M96
–55 to 125
16 Ld SOIC
CD74HC4049NSR
–55 to 125
16 Ld SOP
CD74HC4049PW
–55 to 125
16 Ld TSSOP
CD74HC4049PWR
–55 to 125
16 Ld TSSOP
CD74HC4049PWT
–55 to 125
16 Ld TSSOP
CD74HC4050E
–55 to 125
16 Ld PDIP
CD74HC4050M
–55 to 125
16 Ld SOIC
CD74HC4050MT
–55 to 125
16 Ld SOIC
CD74HC4050M96
–55 to 125
16 Ld SOIC
CD74HC4050NSR
–55 to 125
16 Ld SOP
CD74HC4050PW
–55 to 125
16 Ld TSSOP
CD74HC4050PWR
–55 to 125
16 Ld TSSOP
CD74HC4050PWT
–55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
February 1998 - Revised February 2005
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2005,Texas Instruments Incorporated
CD54HC4049, CD74HC4049,
CD54HC4050, CD74HC4050
High-Speed CMOS Logic
Hex Buffers, Inverting and Non-Inverting
[ /Title
(CD74H
C4049,
CD74H
C4050)
/Sub-
ject
(High
Speed
CMOS
Logic
Hex


Número de pieza similar - CD74HC4050PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4050PWT TI-CD74HC4050PWT Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050PWT TI-CD74HC4050PWT Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050PWT TI1-CD74HC4050PWT Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050PWTE4 TI-CD74HC4050PWTE4 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050PWTE4 TI-CD74HC4050PWTE4 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results

Descripción similar - CD74HC4050PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com