Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPI12011NRL Datasheet(PDF) 6 Page - STMicroelectronics |
|
TPI12011NRL Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 9 page Ordering information scheme TPI 6/9 Figure 9. Connections 3 Ordering information scheme Figure 10. Ordering information scheme Tip Tip 1 IN OUT IN OUT 8 27 36 45 GND GND Ring Ring 1. Connect pins 2, 3, 6 and 7 to ground in order to guarantee a good surge current capability for long duration disturbances. 2. To take advantage of the “4-point” structure of the TPIxxxN, the Tip and Ring lines have to cross the device. In this case, the device will eliminate the overvoltages generated by the parasitic inductances of the wiring (LdI/dt), especially for very fast transients. TPI 80 1 1 N RL Bidirectional Tripolar Protection Breakdown voltage Version Package Revision Packing mode 80 = 80 V 1 = SO-8 RL = Tape and reel Blank = Tube |
Número de pieza similar - TPI12011NRL |
|
Descripción similar - TPI12011NRL |