Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37N972 Datasheet(PDF) 32 Page - SMSC Corporation

No. de pieza FDC37N972
Descripción Electrónicos  Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N972 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button FDC37N972 Datasheet HTML 28Page - SMSC Corporation FDC37N972 Datasheet HTML 29Page - SMSC Corporation FDC37N972 Datasheet HTML 30Page - SMSC Corporation FDC37N972 Datasheet HTML 31Page - SMSC Corporation FDC37N972 Datasheet HTML 32Page - SMSC Corporation FDC37N972 Datasheet HTML 33Page - SMSC Corporation FDC37N972 Datasheet HTML 34Page - SMSC Corporation FDC37N972 Datasheet HTML 35Page - SMSC Corporation FDC37N972 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 390 page
background image
32
TABLE 11 - SRA - PS/2 MODEL 30 MODE
7
6
5
4
3
2
1
0
INT
PENDING
DRQ
STEP
F/F
TRK0
NHDSE
L
INDX
WP
nDIR
RESET
COND.
0
0
0
N/A
1
N/A
N/A
1
BIT 0 nDIRECTION
Active low status indicating the direction of head movement. A logic "0" indicates inward direction; a
logic "1" indicates outward direction.
BIT 1 WRITE PROTECT
Active high status of the WRITE PROTECT disk interface input. A logic "1" indicates that the disk is
write protected.
BIT 2 INDEX
Active high status of the INDEX disk interface input.
BIT 3 nHEAD SELECT
Active low status of the HDSEL disk interface input. A logic "0" selects side 1 and a logic "1" selects
side 0.
BIT 4 TRACK 0
Active high status of the TRK0 disk interface input.
BIT 5 STEP
Active high status of the latched STEP disk interface output pin. This bit is latched with the STEP
output going active, and is cleared with a read from the DIR register, or with a hardware or software
reset.
BIT 6 DMA REQUEST
Active high status of the FDC’s DRQ output pin.
BIT 7 INTERRUPT PENDING
Active high bit indicating the state of the Floppy Disk Interrupt output.


Número de pieza similar - FDC37N972

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
FDC37N958FRTQFP ETC1-FDC37N958FRTQFP Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
More results

Descripción similar - FDC37N972

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
   Advanced Notebook I/O Controller with On-Board FLASH
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
   Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
   Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com