Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZNUP1105LT1G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza SZNUP1105LT1G
Descripción Electrónicos  Single Line CAN/LIN Bus Protector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP1105LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  SZNUP1105LT1G Datasheet HTML 1Page - ON Semiconductor SZNUP1105LT1G Datasheet HTML 2Page - ON Semiconductor SZNUP1105LT1G Datasheet HTML 3Page - ON Semiconductor SZNUP1105LT1G Datasheet HTML 4Page - ON Semiconductor SZNUP1105LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NUP1105LT1G, SZNUP1105LT1G
www.onsemi.com
4
APPLICATIONS SECTION
The NUP1105L provides a transient voltage suppression
solution for the LIN data communication bus. The
NUP1105L is a dual bidirectional TVS device in a compact
SOT−23 package. This device is based on Zener technology
that optimizes the active area of a PN junction to provide
robust protection against transient EMI surge voltage and
ESD. The NUP1105L has been tested to EMI and ESD
levels that exceed the specifications of popular high speed
LIN networks.
Figure 6. LIN Transceiver
Voltage
Regulator
Transmitter
Receiver
LIN Bus
NUP1105L
VOUT = 5 V
VBattery =
8 to 18 V
LIN Transceiver
The NUP1105L device can be used to provide transcient
voltage suppression for a single data line CAN system.
Figure 7 provides an example of a single data line CAN
protection circuit.
Figure 7. High−Speed and Fault Tolerant CAN TVS
Protection Circuit
CAN
Transceiver
CAN_Data_Line
NUP1105L


Número de pieza similar - SZNUP1105LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SZNUP1128HT1G ONSEMI-SZNUP1128HT1G Datasheet
452Kb / 10P
   IVN Bus Protector, Single Line LIN & Dual Line CAN
June, 2020 ??Rev. 3
SZNUP1128WTT1G ONSEMI-SZNUP1128WTT1G Datasheet
452Kb / 10P
   IVN Bus Protector, Single Line LIN & Dual Line CAN
June, 2020 ??Rev. 3
More results

Descripción similar - SZNUP1105LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NUP1105L ONSEMI-NUP1105L Datasheet
41Kb / 6P
   Single Line CAN/LIN Bus Protector
September, 2004 ??Rev. P0
logo
Diodes Incorporated
DUP1105SOQ DIODES-DUP1105SOQ Datasheet
432Kb / 5P
   SINGLE LINE CAN/LIN BUS PROTECTOR
logo
ON Semiconductor
NUP1128 ONSEMI-NUP1128 Datasheet
452Kb / 10P
   IVN Bus Protector, Single Line LIN & Dual Line CAN
June, 2020 ??Rev. 3
logo
Diodes Incorporated
DESD24VS2SO DIODES-DESD24VS2SO Datasheet
218Kb / 4P
   24V CAN/LIN BUS PROTECTOR
DESD32VS2SO DIODES-DESD32VS2SO Datasheet
284Kb / 4P
   32V CAN/LIN BUS PROTECTOR
DESD32VS2SOQ DIODES-DESD32VS2SOQ Datasheet
450Kb / 5P
   32V CAN/LIN BUS PROTECTOR
June 2020 Rev. 2 - 2
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com