Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBR04C759B5GAC Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza CBR04C759B5GAC
Descripción Electrónicos  Ceramic, High Q, Microwave (CBR), 7.5 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C759B5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR04C759B5GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - e39a0c68-9ac6-47ae-9d90-6d48cb5605d3
KEMET Part Number: CBR04C759B5GAC
(CBR04C759B5GACTU)
Ceramic, High Q, Microwave (CBR), 7.5 pF, +/-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
B
0.25mm +0.05/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Microwave (CBR)
Chip Size: 0402
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 950
Notes: Solder Reflow Only
Specifications
Capacitance: 7.5 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.182%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 125 V
Quality Factor: 950
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Número de pieza similar - CBR04C759B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR04C708B5GAC KEMET-CBR04C708B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 0.7 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C709B1GAC KEMET-CBR04C709B1GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 7 pF, /-0.1 pF, 100 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0402
CBR04C709B5GAC KEMET-CBR04C709B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 7 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C719B5GAC KEMET-CBR04C719B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 7.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C729B5GAC KEMET-CBR04C729B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 7.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Descripción similar - CBR04C759B5GAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CBR04C108B5GAC KEMET-CBR04C108B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C139B5GAC KEMET-CBR04C139B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C308B5GAC KEMET-CBR04C308B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C159B5GAC KEMET-CBR04C159B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.5 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C629B5GAC KEMET-CBR04C629B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C189B5GAC KEMET-CBR04C189B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C249B5GAC KEMET-CBR04C249B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 2.4 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C399B5GAC KEMET-CBR04C399B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 3.9 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C919B5GAC KEMET-CBR04C919B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 9.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C129B5GAC KEMET-CBR04C129B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com