Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1232 Datasheet(PDF) 3 Page - NTE Electronics

No. de pieza NTE1232
Descripción Electrónicos  Integrated Circuit Audio Amplifier for Car Radio, 8W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1232 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1232 Datasheet HTML 1Page - NTE Electronics NTE1232 Datasheet HTML 2Page - NTE Electronics NTE1232 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin Connection Diagram
GND
Output
VCC
Invert Input
Non–Invert Input
.364
(9.25)
Max
.850
(21.6)
Max
.619
(15.72)
Max
1
2
3
4
5
.896
(22.76)
Max
.408 (10.37
Max
.182 (4.62) Max
.114 (2.9)
.135 (3.45)
.150 (3.81)
0.45 (1.37) Max
.182 (4.62)


Número de pieza similar - NTE1232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE123 NTE-NTE123 Datasheet
26Kb / 3P
   Silicon NPN Transistor General Purpose Audio Amplifier, Switch
NTE1230 NTE-NTE1230 Datasheet
20Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1231A NTE-NTE1231A Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1233 NTE-NTE1233 Datasheet
79Kb / 2P
   Integrated Circuit Frequency Synthesizer
More results

Descripción similar - NTE1232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
   Integrated Circuit Power Amplifier for Car Radio, 19W
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp for Car Radio, 5.8W
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
   DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com