Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103CW Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

No. de pieza SD103CW
Descripción Electrónicos  SCHTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SD103CW Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SD103CW Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SD103CW Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AW-SD103CW
SCHTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Marking: SD103AW:S4, SD103BW:S5, SD103CW:S6
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
40
SD103AW
350
1.5
400
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
low reverse capacitance
Maximum ratings and electrical characteristics, Single diode @TA=25
C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t 1.0s
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
A
mW
C/W
C
SD103BW
SD103CW
30
20
28
21
14
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
C
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD103AW
SD103BW
SD103CW
Fowrard voltage
Reverse current
SD103AW
SD103BW
SD103CW
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
40
30
20
0.37
0.60
5.0
50
10
V
V
uA
pF
ns
IR=10
uA
IR=10
uA
IR=10
uA
IF=20mA
IF=20mA
VR=30V
VR=20V
VR=10V
VR=0V,f=1.0MHz
IF=IR=200mA
Irr=0.1XIR,RL=100
1.15(.045)
1.05(.041)
.25(.010)
MIN
SOD-123
1.80(.071)
1.40(.055)
3.86(0.152)
3.56(0.145)
2.84(0.112)
2.54(0.100)
.71(0.028)
.50(0.020)
1.35(.053)
.94(.037)
.15(.006)
MAX
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
www.shunyegroup.com.cn


Número de pieza similar - SD103CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Shunye Electro...
SD103CW SHUNYE-SD103CW Datasheet
706Kb / 2P
   SCHTTKY DIODES
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Micro Commercial Compon...
SD103CW MCC-SD103CW Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Guangdong Kexin Industr...
SD103CW KEXIN-SD103CW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Jin Yu Semicon...
SD103CW HTSEMI-SD103CW Datasheet
435Kb / 2P
   SCHOTTKY DIODES
More results

Descripción similar - SD103CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Shunye Electro...
SD103AW SY-SD103AW Datasheet
707Kb / 2P
   SCHTTKY DIODES
SD103AW SHUNYE-SD103AW Datasheet
706Kb / 2P
   SCHTTKY DIODES
logo
Microdiode Electronics ...
SD103AW CHENDA-SD103AW Datasheet
531Kb / 2P
   SCHTTKY DIODES
logo
MIC GROUP RECTIFIERS
SRB1620C MIC-SRB1620C Datasheet
51Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB3020C MIC-SRB3020C Datasheet
52Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRF1020 MIC-SRF1020 Datasheet
45Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
National Instruments Co...
FCQS08A035 NI-FCQS08A035_15 Datasheet
244Kb / 6P
   Schttky Barrier Diode
FCHS10A12 NI-FCHS10A12_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS10A065 NI-FCHS10A065_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS30A08 NI-FCHS30A08_15 Datasheet
243Kb / 6P
   Schttky Barrier Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com